Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR0547 Datasheet (PDF) - DFROBOT

DFR0547 Datasheet PDF - DFROBOT
Part # DFR0547
Download  DFR0547 Download
File Size   5314.3 Kbytes
Page   9 Pages
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT
Description LattePanda 2 Alpha 864s (Win10 Pro activated)

DFR0547 Datasheet (PDF)

Go To PDF Page Download Datasheet
DFR0547 Datasheet PDF - DFROBOT

Part # DFR0547
Download  DFR0547 Click to download

File Size   5314.3 Kbytes
Page   9 Pages
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT
Description LattePanda 2 Alpha 864s (Win10 Pro activated)

DFR0547 Datasheet (HTML) - DFROBOT


DFR0547 Product details

Feature
Intel® Core™ M3-8100Y, Dual-Core, 1.1-3.4GHz
Intel® UHD Graphics 615
8GB Memory
Dual-Band 2.5GHz/5GHz Wi-Fi & Bluetooth 4.2 & Gigabit Ethernet
USB3.0 x3,USB Type-C x1
2 x M.2 PCIe (Support B&M Key and A&E Key)
Support Windows 10 & & Linux OS
Integrated Arduino Coprocessor ATMEL 32U4
Powered by PD adapter / 12V DC / 7.4V battery




Similar Part No. - DFR0547

ManufacturerPart #DatasheetDescription
logo
DFROBOT
DFR0543 DFROBOT-DFR0543 Datasheet
1Mb / 9P
LattePanda Delta 432 – Tiny Ultimate Windows / Linux Device
8-21-18
DFR0544 DFROBOT-DFR0544 Datasheet
573Kb / 6P
LattePanda Delta 432(Win10 Pro Activated) – Tiny Ultimate
DFR0545 DFROBOT-DFR0545 Datasheet
1Mb / 11P
LattePanda Alpha 800 – Tiny Ultimate Windows / Linux Device
8-21-18
DFR0546 DFROBOT-DFR0546 Datasheet
2Mb / 10P
LattePanda Alpha 864s – Tiny Ultimate Windows / Linux Device (Pre-order)
5-29-19
DFR0548 DFROBOT-DFR0548 Datasheet
481Kb / 5P
Micro:bit Driver Expansion Board SKU:DFR0548
7-16-18
More results


Similar Description - DFR0547

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C-808H ETC1-C-808H Datasheet
79Kb / 1P
ALPHA-NUMERIC DISPLAY
C-508H ETC1-C-508H Datasheet
79Kb / 1P
ALPHA-NUMERIC DISPLAY
logo
LSI Computer Systems
LS7217 LSI-LS7217 Datasheet
177Kb / 3P
PROGRAMMABLE LIGHT-ACTIVATED TIMER
logo
Mallory performance clu...
628 MALLORY-628 Datasheet
125Kb / 12P
RPM ACTIVATED SWITCH
logo
Motorola, Inc
MC2830 MOTOROLA-MC2830 Datasheet
31Kb / 1P
Voice Activated Switch
logo
Alpha Wire
78012 ALPHAWIRE-78012 Datasheet
133Kb / 4P
ALPHA WIRE
8/25/2020
78033 ALPHAWIRE-78033 Datasheet
133Kb / 4P
ALPHA WIRE
8/25/2020
78040 ALPHAWIRE-78040 Datasheet
133Kb / 4P
ALPHA WIRE
8/25/2020
78041 ALPHAWIRE-78041 Datasheet
133Kb / 4P
ALPHA WIRE
8/25/2020
78105 ALPHAWIRE-78105 Datasheet
133Kb / 4P
ALPHA WIRE
8/25/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com