Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR0547 Datasheet(PDF) 1 Page - DFROBOT

Part # DFR0547
Description  LattePanda 2 Alpha 864s (Win10 Pro activated)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0547 Datasheet(HTML) 1 Page - DFROBOT

  DFR0547 Datasheet HTML 1Page - DFROBOT DFR0547 Datasheet HTML 2Page - DFROBOT DFR0547 Datasheet HTML 3Page - DFROBOT DFR0547 Datasheet HTML 4Page - DFROBOT DFR0547 Datasheet HTML 5Page - DFROBOT DFR0547 Datasheet HTML 6Page - DFROBOT DFR0547 Datasheet HTML 7Page - DFROBOT DFR0547 Datasheet HTML 8Page - DFROBOT DFR0547 Datasheet HTML 9Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
INTRODUCTION
LattePanda 2 Alpha 864s (Win10 Pro activated) is a high-performance,
pocket-sized SBC(single board computer) with low power consumption that
runs full Windows 10 or Linux operation system. It is widely used in edge
computing, vending, advertising machine, industrial automation, etc. Whether
you're a DIY maker, IoT (Internet of Things) developer, system integrator, or
solution provider, LattePanda is your powerful development board that can
empower creation and accelerate your productivity.
Key Feature
• Intel® Core™ M3-8100Y, Dual-Core, 1.1-3.4GHz
• Intel® UHD Graphics 615
• 8GB Memory
• Dual-Band 2.5GHz/5GHz Wi-Fi & Bluetooth 4.2 & Gigabit Ethernet
• USB3.0 x3,USB Type-C x1
• 2 x M.2 PCIe (Support B&M Key and A&E Key)
• Support Windows 10 & & Linux OS
• Integrated Arduino Coprocessor ATMEL 32U4
• Powered by PD adapter / 12V DC / 7.4V battery
The LattePanda 2 Alpha 864s (Win10 Pro activated) based on Intel Core™ m3-
8100Y, is a Dual-Core 1.1GHz CPU that bursts up to 3.4GHz, Intel® UHD
Graphics 615 integrated into the processor deliver enhanced media
conversion, fast frame rates, and 4K Ultra HD (UHD) video. All of this
computing power dissipates only 8W power, which is the perfect choice in
terms of features and price as the main robotics controller, interactive project
core, IoT edge device, or AI brain.


Similar Part No. - DFR0547

ManufacturerPart #DatasheetDescription
logo
DFROBOT
DFR0543 DFROBOT-DFR0543 Datasheet
1Mb / 9P
LattePanda Delta 432 – Tiny Ultimate Windows / Linux Device
8-21-18
DFR0544 DFROBOT-DFR0544 Datasheet
573Kb / 6P
LattePanda Delta 432(Win10 Pro Activated) – Tiny Ultimate
DFR0545 DFROBOT-DFR0545 Datasheet
1Mb / 11P
LattePanda Alpha 800 – Tiny Ultimate Windows / Linux Device
8-21-18
DFR0546 DFROBOT-DFR0546 Datasheet
2Mb / 10P
LattePanda Alpha 864s – Tiny Ultimate Windows / Linux Device (Pre-order)
5-29-19
DFR0548 DFROBOT-DFR0548 Datasheet
481Kb / 5P
Micro:bit Driver Expansion Board SKU:DFR0548
7-16-18
More results

Similar Description - DFR0547

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C-808H ETC1-C-808H Datasheet
79Kb / 1P
ALPHA-NUMERIC DISPLAY
C-508H ETC1-C-508H Datasheet
79Kb / 1P
ALPHA-NUMERIC DISPLAY
logo
LSI Computer Systems
LS7217 LSI-LS7217 Datasheet
177Kb / 3P
PROGRAMMABLE LIGHT-ACTIVATED TIMER
logo
Mallory performance clu...
628 MALLORY-628 Datasheet
125Kb / 12P
RPM ACTIVATED SWITCH
logo
Motorola, Inc
MC2830 MOTOROLA-MC2830 Datasheet
31Kb / 1P
Voice Activated Switch
logo
Alpha Wire
78012 ALPHAWIRE-78012 Datasheet
133Kb / 4P
ALPHA WIRE
8/25/2020
78033 ALPHAWIRE-78033 Datasheet
133Kb / 4P
ALPHA WIRE
8/25/2020
78040 ALPHAWIRE-78040 Datasheet
133Kb / 4P
ALPHA WIRE
8/25/2020
78041 ALPHAWIRE-78041 Datasheet
133Kb / 4P
ALPHA WIRE
8/25/2020
78105 ALPHAWIRE-78105 Datasheet
133Kb / 4P
ALPHA WIRE
8/25/2020
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com