Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7327-EP Datasheet (PDF) - Analog Devices

AD7327-EP Datasheet PDF - Analog Devices
Part # AD7327-EP
Download  AD7327-EP Download
File Size   398.56 Kbytes
Page   14 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 500 kSPS, 8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC

AD7327-EP Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7327-EP Datasheet PDF - Analog Devices

Part # AD7327-EP
Download  AD7327-EP Click to download

File Size   398.56 Kbytes
Page   14 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 500 kSPS, 8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC

AD7327-EP Datasheet (HTML) - Analog Devices


AD7327-EP Product details

FEATURES 12-bit plus sign SAR ADC
True bipolar input ranges
Software-selectable input ranges
±10 V, ±5 V, ±2.5 V, 0 V to +10 V 500 kSPS throughput rate 8 analog input channels with channel sequencer
Single-ended, true differential, and pseudo differential analog input capability
High analog input impedance Low power: 18 mW
Temperature indicator
Full power signal bandwidth: 22 MHz Internal 2.5 V reference High speed serial interface Power-down modes
20-lead TSSOP package
iCMOS process technology

ENHANCED PRODUCT FEATURES
Supports defense and aerospace applications (AQEC standard)
Military temperature range: −55°C to +125°C Controlled manufacturing baseline One assembly/test site One fabrication site Product change notification Qualification data available on request




Similar Part No. - AD7327-EP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7327 AD-AD7327 Datasheet
756Kb / 36P
500 kSPS, 8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
REV. 0
AD7327 AD-AD7327 Datasheet
764Kb / 37P
8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
23-Feb-2017
AD7327BRUZ AD-AD7327BRUZ Datasheet
756Kb / 36P
500 kSPS, 8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
REV. 0
AD7327BRUZ AD-AD7327BRUZ Datasheet
764Kb / 37P
8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
23-Feb-2017
AD7327BRUZ-REEL AD-AD7327BRUZ-REEL Datasheet
756Kb / 36P
500 kSPS, 8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
REV. 0
More results


Similar Description - AD7327-EP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7323 AD-AD7323 Datasheet
732Kb / 36P
500 kSPS, 4-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
1/06-Revision 0
AD7321 AD-AD7321 Datasheet
577Kb / 36P
500 kSPS, 2-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
REV. 0
AD7327 AD-AD7327 Datasheet
756Kb / 36P
500 kSPS, 8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
REV. 0
AD7328 AD-AD7328 Datasheet
880Kb / 36P
8-Channel, Software-Selectable True Bipolar Input, 12-Bit Plus Sign ADC
REV. A
AD7321 AD-AD7321_15 Datasheet
886Kb / 37P
500 kSPS, 2-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
REV. B
AD7327 AD-AD7327_15 Datasheet
954Kb / 37P
500 kSPS, 8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
REV. B
AD7328 AD-AD7328_15 Datasheet
953Kb / 37P
8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
REV. C
AD7323 AD-AD7323_15 Datasheet
874Kb / 37P
500 kSPS, 4-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
REV. B
AD7327 AD-AD7327_17 Datasheet
764Kb / 37P
8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
23-Feb-2017
AD7328 AD-AD7328_17 Datasheet
761Kb / 37P
8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
23-Feb-2017
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com