Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7321 Datasheet (PDF) - Analog Devices

AD7321 Datasheet PDF - Analog Devices
Part # AD7321
Download  AD7321 Download
File Size   577.83 Kbytes
Page   36 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 500 kSPS, 2-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC

AD7321 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7321 Datasheet PDF - Analog Devices

Part # AD7321
Download  AD7321 Click to download

File Size   577.83 Kbytes
Page   36 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 500 kSPS, 2-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC

AD7321 Datasheet (HTML) - Analog Devices


AD7321 Product details

GENERAL DESCRIPTION

The AD7321 is a 2-channel, 12-bit plus sign successive approximation ADC designed on the iCMOS (industrial CMOS) process. iCMOS is a process combining high voltage silicon with submicron CMOS and complementary bipolar technologies. It enables the development of a wide range of high performance analog ICs capable of 33 V operation in a footprint that no previous generation of high voltage parts could achieve. Unlike analog ICs using conventional CMOS processes, iCMOS components can accept bipolar input signals while providing increased performance, dramatically reduced power consumption, and reduced package size.



FEATURES

12-bit plus sign SAR ADC

True bipolar input ranges

Software-selectable input ranges ±10 V, ±5 V, ±2.5 V, 0 V to +10 V

500 kSPS throughput rate

Two analog input channels with channel sequencer

Single-ended, true differential, and pseudo differential analog input capability

High analog input impedance

Low power: 17 mW

Full power signal bandwidth: 22 MHz

Internal 2.5 V reference

High speed serial interface

Power-down modes

14-lead TSSOP package

iCMOS™ process technology




Similar Part No. - AD7321

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7321 AD-AD7321 Datasheet
697Kb / 37P
2-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
23-Feb-2017
AD7321BRUZ AD-AD7321BRUZ Datasheet
697Kb / 37P
2-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
23-Feb-2017
AD7321BRUZ-REEL AD-AD7321BRUZ-REEL Datasheet
697Kb / 37P
2-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
23-Feb-2017
AD7321BRUZ-REEL7 AD-AD7321BRUZ-REEL7 Datasheet
697Kb / 37P
2-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
23-Feb-2017
AD7321 AD-AD7321_15 Datasheet
886Kb / 37P
500 kSPS, 2-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
REV. B
More results


Similar Description - AD7321

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AD7322 ATMEL-AD7322 Datasheet
901Kb / 18P
Software Selectable True Bipolar Input, 2-Channel, 12-Bit Plus Sign ADC
logo
Analog Devices
AD7323 AD-AD7323 Datasheet
732Kb / 36P
500 kSPS, 4-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
1/06-Revision 0
AD7324 AD-AD7324 Datasheet
591Kb / 36P
4-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
REV. 0
AD7327 AD-AD7327 Datasheet
756Kb / 36P
500 kSPS, 8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
REV. 0
AD7321 AD-AD7321_15 Datasheet
886Kb / 37P
500 kSPS, 2-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
REV. B
AD7324 AD-AD7324_15 Datasheet
920Kb / 37P
4-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
REV. B
AD7327 AD-AD7327_15 Datasheet
954Kb / 37P
500 kSPS, 8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
REV. B
AD7323 AD-AD7323_15 Datasheet
874Kb / 37P
500 kSPS, 4-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
REV. B
AD7321 AD-AD7321_17 Datasheet
697Kb / 37P
2-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
23-Feb-2017
AD7328 AD-AD7328_17 Datasheet
761Kb / 37P
8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
23-Feb-2017
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com