Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7321 Datasheet(PDF) 4 Page - Analog Devices

Part # AD7321
Description  500 kSPS, 2-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7321 Datasheet(HTML) 4 Page - Analog Devices

  AD7321 Datasheet HTML 1Page - Analog Devices AD7321 Datasheet HTML 2Page - Analog Devices AD7321 Datasheet HTML 3Page - Analog Devices AD7321 Datasheet HTML 4Page - Analog Devices AD7321 Datasheet HTML 5Page - Analog Devices AD7321 Datasheet HTML 6Page - Analog Devices AD7321 Datasheet HTML 7Page - Analog Devices AD7321 Datasheet HTML 8Page - Analog Devices AD7321 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
AD7321
Rev. 0 | Page 4 of 36
B Version
Parameter1
Min
Typ
Max
Unit
Test Conditions/Comments
DC ACCURACY4
Resolution
13
Bits
No Missing Codes
12-bit
plus sign
Bits
Differential mode
11-bit
plus sign
Bits
Single-ended/pseudo differential mode
Integral Nonlinearity2
±1.1
LSB
Differential mode; VCC = 3 V to 5.25 V, typ for VCC = 2.7 V
±1
LSB
Single-ended/pseudo differential mode, VCC = 3 V to
5.25 V, typ for VCC = 2.7 V
−0.7/+1.2
LSB
Single-ended/pseudo differential mode
(LSB = FSR/8192)
Differential Nonlinearity2
−0.9/+1.2
LSB
Differential mode; guaranteed no missing codes to
13 bits
±0.9
LSB
Single-ended mode; guaranteed no missing codes to
12 bits
−0.7/+1
LSB
Single-ended/psuedo differential mode
(LSB = FSR/8192)
Offset Error2, 5
−4/+9
LSB
Single-ended/pseudo differential mode
−7/+10
LSB
Differential mode
Offset Error Match2, 5
±0.6
LSB
Single-ended/pseudo differential mode
±0.5
LSB
Differential mode
Gain Error2, 5
±8
LSB
Single-ended/pseudo differential mode
±14
LSB
Differential mode
Gain Error Match2, 5
±0.5
LSB
Single-ended/pseudo differential mode
±0.5
LSB
Differential mode
Positive Full-Scale Error2, 6
±4
LSB
Single-ended/pseudo differential mode
±7
LSB
Differential mode
Positive Full-Scale Error Match2, 6
±0.5
LSB
Single-ended/pseudo differential mode
±0.5
LSB
Differential mode
Bipolar Zero Error2, 6
±8.5
LSB
Single-ended/pseudo differential mode
±7.5
LSB
Differential mode
Bipolar Zero Error Match2, 6
±0.5
LSB
Single-ended/pseudo differential mode
±0.5
LSB
Differential mode
Negative Full-Scale Error2, 6
±4
LSB
Single-ended/pseudo differential mode
±6
LSB
Differential mode
Negative Full-Scale Error Match2,6
±0.5
LSB
Single-ended/pseudo differential mode
±0.5
LSB
Differential mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com