Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7321 Datasheet(PDF) 30 Page - Analog Devices

Part # AD7321
Description  500 kSPS, 2-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7321 Datasheet(HTML) 30 Page - Analog Devices

Back Button AD7321 Datasheet HTML 26Page - Analog Devices AD7321 Datasheet HTML 27Page - Analog Devices AD7321 Datasheet HTML 28Page - Analog Devices AD7321 Datasheet HTML 29Page - Analog Devices AD7321 Datasheet HTML 30Page - Analog Devices AD7321 Datasheet HTML 31Page - Analog Devices AD7321 Datasheet HTML 32Page - Analog Devices AD7321 Datasheet HTML 33Page - Analog Devices AD7321 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 36 page
background image
AD7321
Rev. 0 | Page 30 of 36
POWER VS. THROUGHPUT RATE
20
0
0
THROUGHPUT RATE (kSPS)
18
16
14
12
10
8
6
4
2
100
200
300
400
500
VARIABLE SCLK
VCC =5V
VDD/VSS =±12V
TA = 25°C
INTERNAL REFERENCE
The power consumption of the AD7321 varies with throughput
rate. The static power consumed by the AD7321 is very low, and
significant power savings can be achieved as the throughput
rate is reduced. Figure 48 and Figure 49 shows the power vs.
throughput rate for the AD7321 at a VCC of 3 V and 5 V,
respectively. Both plots clearly show that the average power
consumed by the AD7321 is greatly reduced as the sample
frequency is reduced. This is true whether a fixed SCLK value is
used or if it is scaled with the sampling frequency. Figure 48 and
Figure 49 show the power consumption when operating in
normal mode for a variable SCLK that scales with the sampling
frequency.
12
0
0
THROUGHPUT RATE (kSPS)
10
8
6
4
2
100
200
300
400
500
VARIABLE SCLK
VCC =3V
VDD/VSS = ±12V
TA =25°C
INTERNAL REFERENCE
Figure 49. Power vs. Throughput Rate with 5 V VCC
Figure 48. Power vs. Throughput Rate with 3 V VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com