Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7321 Datasheet(PDF) 12 Page - Analog Devices

Part # AD7321
Description  500 kSPS, 2-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7321 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD7321 Datasheet HTML 8Page - Analog Devices AD7321 Datasheet HTML 9Page - Analog Devices AD7321 Datasheet HTML 10Page - Analog Devices AD7321 Datasheet HTML 11Page - Analog Devices AD7321 Datasheet HTML 12Page - Analog Devices AD7321 Datasheet HTML 13Page - Analog Devices AD7321 Datasheet HTML 14Page - Analog Devices AD7321 Datasheet HTML 15Page - Analog Devices AD7321 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
AD7321
Rev. 0 | Page 12 of 36
2.0
–2.0
±VDD/VSS SUPPLY VOLTAGE (V)
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
5
7
9
11
13
15
17
19
±5V RANGE
VCC =VDRIVE =5V
INTERNAL REFERENCE
SINGLE-ENDED MODE
INL = 500kSPS
8k
0
–3
CODE
7k
6k
5k
4k
3k
2k
1k
–2
–1
0123
VCC =5V
VDD/VSS = ±12V
RANGE = ±10V
10k SAMPLES
TA = 25°C
023
1201
7600
1165
11
0
Figure 19. INL Error vs. Supply Voltage at 500 kSPS
Figure 16. Histogram of Codes, Single-Ended Mode
–50
–100
0
1200
SUPPLY RIPPLE FREQUENCY (kHz)
–55
–60
–65
–70
–75
–80
–85
–90
–95
200
400
600
800
1000
100mV p-p SINE WAVE ON EACH SUPPLY
NO DECOUPLING
SINGLE-ENDED MODE
fS = 500kSPS
VCC =5V
VCC =3V
VDD =12V
VSS =–12V
–50
–100
0
RIPPLE FREQUENCY (kHz)
–55
–60
–65
–70
–75
–80
–85
–90
–95
200
400
600
800
1000
1200
DIFFERENTIAL MODE
FIN = 50kHz
VDD/VSS = ±12V
fS = 500kSPS
TA =25°C
VCC =5V
VCC =3V
Figure 20. PSRR vs. Supply Ripple Frequency Without Supply Decoupling
Figure 17. CMRR vs. Common-Mode Ripple Frequency
2.0
–2.0
±VDD/VSS SUPPLY VOLTAGE (V)
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
5
7
9
11
13
15
17
19
±5V RANGE
VCC =VDRIVE =5V
INTERNAL REFERENCE
SINGLE-ENDED MODE
DNL = 500kSPS
–50
–100
10
1000
INPUT FREQUENCY (kHz)
100
–55
–60
–65
–70
–75
–80
–85
–90
–95
VCC =VDRIVE =5V
VDD/VSS =±12V
TA = 25°C
INTERNAL REF
RANGE = ±10V AND ±2.5V
fS = 500kSPS
DIFFERENTIAL MODE
±10V RANGE
RIN = 4000Ω
RIN = 3000Ω
RIN = 2000Ω
RIN = 1000Ω
RIN = 100Ω
RIN =12Ω
±2.5V RANGE
RIN = 9000Ω
RIN = 5500Ω
RIN = 2000Ω
RIN =100Ω
RIN =12Ω
Figure 21. THD vs. Analog Input Frequency for Various Source Impedances,
True Differential Mode
Figure 18. DNL Error vs. Supply Voltage at 500 kSPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com