Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7321 Datasheet(PDF) 11 Page - Analog Devices

Part # AD7321
Description  500 kSPS, 2-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7321 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7321 Datasheet HTML 7Page - Analog Devices AD7321 Datasheet HTML 8Page - Analog Devices AD7321 Datasheet HTML 9Page - Analog Devices AD7321 Datasheet HTML 10Page - Analog Devices AD7321 Datasheet HTML 11Page - Analog Devices AD7321 Datasheet HTML 12Page - Analog Devices AD7321 Datasheet HTML 13Page - Analog Devices AD7321 Datasheet HTML 14Page - Analog Devices AD7321 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
AD7321
Rev. 0 | Page 11 of 36
–50
–100
10
1000
ANALOG INPUT FREQUENCY (kHz)
100
–55
–60
–65
–70
–75
–80
–85
–90
–95
0V TO +10V SE
0V TO +10V DIFF
±10V DIFF
±10V SE
±2.5V SE
±2.5V DIFF
±5V DIFF
±5V SE
VCC =VDRIVE =3V
VDD/VSS =±12V
TA = 25°C
fS = 500kSPS
INTERNAL REFERENCE
80
50
10
1000
ANALOG INPUT FREQUENCY (kHz)
100
75
70
65
60
55
VCC =VDRIVE =5V
VDD/VSS = ±12V
TA =25°C
fS = 500kSPS
INTERNAL REFERENCE
±10V SE
0V TO +10V SE
±10V DIFF
±2.5V SE
±5V SE
±2.5V DIFF
±5V DIFF
0V TO +10V DIFF
Figure 10. THD vs. Analog Input Frequency for Single-Ended (SE) and True
Differential Mode (Diff) at 3 V VCC
Figure 13. SINAD vs. Analog Input Frequency for Single-Ended (SE) and True
Differential Mode (Diff) at 5 V VCC
–50
–95
0
600
FREQUENCY OF INPUT NOISE (kHz)
–55
–60
–65
–70
–75
–80
–85
–90
100
200
300
400
500
VDD/VSS =±12V
SINGLE-ENDED MODE
fS = 500kSPS
TA =25°C
50kHz ON SELECTED CHANNEL
VCC =3V
VCC =5V
–50
–100
10
1000
ANALOG INPUT FREQUENCY (kHz)
100
–55
–60
–65
–70
–75
–80
–85
–90
–95
VCC =VDRIVE =5V
VDD/VSS = ±12V
TA =25°C
fS = 500kSPS
INTERNAL REFERENCE
0V TO +10V SE
±10V SE
±10V DIFF
0V TO +10V DIFF
±5V SE
±5V DIFF
±2.5V SE
±2.5V DIFF
Figure 14. Channel-to-Channel Isolation
Figure 11. THD vs. Analog Input Frequency for Single-Ended (SE) and True
Differential Mode (Diff) at 5 V VCC
10k
0
–2
CODE
9k
8k
7k
6k
5k
4k
3k
2k
1k
–1
0
1
2
0
228
9469
303
0
VCC =5V
VDD/VSS =±12V
RANGE = ±10V
10k SAMPLES
TA =25°C
80
50
10
1000
ANALOG INPUT FREQUENCY (kHz)
100
75
70
65
60
55
VCC =VDRIVE =3V
VDD/VSS = ±12V
TA =25°C
fS = 500kSPS
INTERNAL REFERENCE
±5V DIFF
±2.5V DIFF
±5V SE
±2.5V SE
0V TO +10V DIFF
±10V DIFF
±10V SE
0V TO +10V SE
Figure 15. Histogram of Codes, True Differential Mode
Figure 12. SINAD vs. Analog Input Frequency for Single-Ended (SE) and True
Differential Mode (Diff) at 3 V VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com