Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7321 Datasheet(PDF) 20 Page - Analog Devices

Part # AD7321
Description  500 kSPS, 2-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7321 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD7321 Datasheet HTML 16Page - Analog Devices AD7321 Datasheet HTML 17Page - Analog Devices AD7321 Datasheet HTML 18Page - Analog Devices AD7321 Datasheet HTML 19Page - Analog Devices AD7321 Datasheet HTML 20Page - Analog Devices AD7321 Datasheet HTML 21Page - Analog Devices AD7321 Datasheet HTML 22Page - Analog Devices AD7321 Datasheet HTML 23Page - Analog Devices AD7321 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
AD7321
Rev. 0 | Page 20 of 36
±16.5V VDD/VSS
±12V VDD/VSS
5
–6
4
3
2
1
0
–1
–2
–3
–4
–5
VCC =3V
VREF =3V
±2.5V
RANGE
±10V
RANGE
±5V RANGE
±2.5V
RANGE
±5V RANGE
±10V
RANGE
8
–8
6
4
2
0
–2
–4
–6
±16.5V VDD/VSS
±12V VDD/VSS
VCC =5V
VREF =2.5V
±2.5V
RANGE
±10V
RANGE
±5V RANGE
±2.5V
RANGE
±5V RANGE
±10V
RANGE
Figure 35. Common-Mode Range for VCC = 3 V and REFIN/OUT = 3 V
Figure 38. Common-Mode Range for VCC = 5 V and REFIN/OUT = 2.5 V
±16.5V VDD/VSS
±12V VDD/VSS
VCC =5V
VREF =3V
8
–4
6
4
2
0
–2
±2.5V
RANGE
±10V
RANGE
±5V RANGE
±2.5V
RANGE
±5V RANGE
±10V
RANGE
Pseudo Differential Inputs
The AD7321 can have one pseudo differential pair. The VIN+
inputs are coupled to the signal source and must have an amplitude
within the selected range for that channel as programmed in the
range register. A dc input is applied to the VIN− pin. The voltage
applied to this input provides an offset for the VIN+ input from
ground or a pseudo ground. Pseudo differential inputs separate
the analog input signal ground from the ADC ground, allowing
cancellation of dc common-mode voltages.
When a conversion takes place, the pseudo ground corresponds
to Code −4096 and the maximum amplitude corresponds to
Code +4095.
AD73211
VIN+
V+
V–
VDD
VSS
VCC
5V
1ADDITIONAL PINS OMITTED FOR CLARITY.
VIN–
Figure 36. Common-Mode Range for VCC = 5 V and REFIN/OUT = 3 V
6
–8
4
2
0
–2
–4
–6
±16.5V VDD/VSS
±12V VDD/VSS
VCC =3V
VREF =2.5V
±2.5V
RANGE
±10V
RANGE
±5V RANGE
±2.5V
RANGE
±5V RANGE
±10V
RANGE
Figure 39. Pseudo Differential Inputs
Figure 40 and Figure 41 show the typical voltage range on the
VIN− pin for the different analog input ranges when configured
in the pseudo differential mode.
Figure 37. Common-Mode Range for VCC = 3 V and REFIN/OUT = 2.5 V
For example, when the AD7321 is configured to operate in
pseudo differential mode and the ±5 V range is selected with
±16.5 V VDD/VSS supplies and 5 V VCC, the voltage on the VIN−
pin can vary from −6.5 V to +6.5 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com