Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7321 Datasheet(PDF) 1 Page - Analog Devices

Part # AD7321
Description  500 kSPS, 2-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7321 Datasheet(HTML) 1 Page - Analog Devices

  AD7321 Datasheet HTML 1Page - Analog Devices AD7321 Datasheet HTML 2Page - Analog Devices AD7321 Datasheet HTML 3Page - Analog Devices AD7321 Datasheet HTML 4Page - Analog Devices AD7321 Datasheet HTML 5Page - Analog Devices AD7321 Datasheet HTML 6Page - Analog Devices AD7321 Datasheet HTML 7Page - Analog Devices AD7321 Datasheet HTML 8Page - Analog Devices AD7321 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
500 kSPS, 2-Channel, Software-Selectable,
True Bipolar Input, 12-Bit Plus Sign ADC
AD7321
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006 Analog Devices, Inc. All rights reserved.
FEATURES
FUNCTIONAL BLOCK DIAGRAM
12-bit plus sign SAR ADC
VIN0
DOUT
SCLK
CS
DIN
VDRIVE
VIN1
VDD
REFIN/OUT
VCC
AGND
VSS
DGND
CONTROL LOGIC
AND REGISTERS
13-BIT
SUCCESSIVE
APPROXIMATION
ADC
T/H
2.5V
VREF
I/P
MUX
CHANNEL
SEQUENCER
AD7321
True bipolar input ranges
Software-selectable input ranges
±10 V, ±5 V, ±2.5 V, 0 V to +10 V
500 kSPS throughput rate
Two analog input channels with channel sequencer
Single-ended, true differential, and pseudo differential
analog input capability
High analog input impedance
Low power: 17 mW
Full power signal bandwidth: 22 MHz
Internal 2.5 V reference
High speed serial interface
Power-down modes
14-lead TSSOP package
iCMOS™ process technology
Figure 1.
GENERAL DESCRIPTION
PRODUCT HIGHLIGHTS
1.
The AD7321 can accept true bipolar analog input signals,
±10 V, ±5 V, ±2.5 V, and 0 V to +10 V unipolar signals.
The AD73211 is a 2-channel, 12-bit plus sign successive
approximation ADC designed on the iCMOS (industrial
CMOS) process. iCMOS is a process combining high voltage
silicon with submicron CMOS and complementary bipolar
technologies. It enables the development of a wide range of high
performance analog ICs capable of 33 V operation in a footprint
that no previous generation of high voltage parts could achieve.
Unlike analog ICs using conventional CMOS processes, iCMOS
components can accept bipolar input signals while providing
increased performance, dramatically reduced power
consumption, and reduced package size.
2.
The two analog inputs can be configured as two single-
ended inputs, one true differential input pair, or one
pseudo differential input.
3.
500 kSPS serial interface. SPI®-/QSPI™-/DSP-/MICROWIRE™-
compatible interface.
4.
Low power, 17 mW, at a maximum throughput rate of
500 kSPS.
5.
Channel sequencer.
The AD7321 can accept true bipolar analog input signals. The
AD7321 has four software-selectable input ranges, ±10 V, ±5 V,
±2.5 V, and 0 V to +10 V. Each analog input channel can be
independently programmed to one of the four input ranges.
The analog input channels on the AD7321 can be programmed
to be single-ended, true differential, or pseudo differential.
Table 1. Similar Devices
Device
Number
Throughput
Rate
Number of bits
Number of
Channels
AD7329
1000 kSPS
12-bit plus sign
8
The ADC contains a 2.5 V internal reference. The AD7321 also
allows for external reference operation. If a 3 V reference is
applied to the REFIN/OUT pin, the AD7321 can accept a true
bipolar ±12 V analog input. Minimum ±12 V VDD and VSS
supplies are required for the ±12 V input range. The ADC has a
high speed serial interface that can operate at throughput rates
up to 500 kSPS.
AD7328
1000 kSPS
12-bit plus sign
8
AD7327
500 kSPS
12-bit plus sign
8
AD7324
1000 kSPS
12-bit plus sign
4
AD7323
500 kSPS
12-bit plus sign
4
AD7322
1000 kSPS
12-bit plus sign
2
1 Protected by U.S. Patent No. 6,731,232.


Similar Part No. - AD7321

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7321 AD-AD7321 Datasheet
697Kb / 37P
2-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
23-Feb-2017
AD7321BRUZ AD-AD7321BRUZ Datasheet
697Kb / 37P
2-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
23-Feb-2017
AD7321BRUZ-REEL AD-AD7321BRUZ-REEL Datasheet
697Kb / 37P
2-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
23-Feb-2017
AD7321BRUZ-REEL7 AD-AD7321BRUZ-REEL7 Datasheet
697Kb / 37P
2-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
23-Feb-2017
AD7321 AD-AD7321_15 Datasheet
886Kb / 37P
500 kSPS, 2-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
REV. B
More results

Similar Description - AD7321

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AD7322 ATMEL-AD7322 Datasheet
901Kb / 18P
Software Selectable True Bipolar Input, 2-Channel, 12-Bit Plus Sign ADC
logo
Analog Devices
AD7323 AD-AD7323 Datasheet
732Kb / 36P
500 kSPS, 4-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
1/06-Revision 0
AD7324 AD-AD7324 Datasheet
591Kb / 36P
4-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
REV. 0
AD7327 AD-AD7327 Datasheet
756Kb / 36P
500 kSPS, 8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
REV. 0
AD7321 AD-AD7321_15 Datasheet
886Kb / 37P
500 kSPS, 2-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
REV. B
AD7324 AD-AD7324_15 Datasheet
920Kb / 37P
4-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
REV. B
AD7327 AD-AD7327_15 Datasheet
954Kb / 37P
500 kSPS, 8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
REV. B
AD7323 AD-AD7323_15 Datasheet
874Kb / 37P
500 kSPS, 4-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
REV. B
AD7321 AD-AD7321_17 Datasheet
697Kb / 37P
2-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
23-Feb-2017
AD7328 AD-AD7328_17 Datasheet
761Kb / 37P
8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
23-Feb-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com