Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NLBK-50C-CAT6A-PATCH Datasheet (PDF) - StarTech.com Ltd.

NLBK-50C-CAT6A-PATCH Datasheet PDF - StarTech.com Ltd.
Part # NLBK-50C-CAT6A-PATCH
Download  NLBK-50C-CAT6A-PATCH Download
File Size   80.34 Kbytes
Page   3 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description Connect between computers, hubs, switches, print servers and patch panels PoE Snagless RJ-45 w/Strain Reliefs S/FTP Network Patch Cord

NLBK-50C-CAT6A-PATCH Datasheet (PDF)

Go To PDF Page Download Datasheet
NLBK-50C-CAT6A-PATCH Datasheet PDF - StarTech.com Ltd.

Part # NLBK-50C-CAT6A-PATCH
Download  NLBK-50C-CAT6A-PATCH Click to download

File Size   80.34 Kbytes
Page   3 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description Connect between computers, hubs, switches, print servers and patch panels PoE Snagless RJ-45 w/Strain Reliefs S/FTP Network Patch Cord

NLBK-50C-CAT6A-PATCH Datasheet (HTML) - StarTech.com Ltd.


NLBK-50C-CAT6A-PATCH Product details

Features
• CAT6A ETHERNET CABLE: High-performance Ethernet Cable for error-free 1/2.5/5/10Gbps multi-gigabit
connections; Low Near-End Crosstalk (NEXT) and Return Loss (RL); Individually tested to meet ANSI/TIA-568.2-D
standards; Fluke Tested/ETL Verified
• SHIELDED CAT6A CABLE: Improved signal integrity and protection against noise & electromagnetic (EMI/RFI)
interference; Individual twisted pairs wrapped in foil; Outer covering w/ braided shield; Shielded RJ45 connectors with
gold-plated pins
• 100W POWER OVER ETHERNET: 100% stranded copper wire delivers error-free data and stable PoE power,
unlike lower quality copper-clad aluminum versions of other brands; Supports PoE devices up to 100W PoE++;
Complies with IEEE 802.3bt (Type 4 and lower)
• DURABLE LSZH JACKET: PVC Free, Low Smoke Zero Halogen (LSZH) cable jacket produces less dense and
corrosive smoke than PVC; Braided construction resists damage from bending
• SPECS: Category 6A Network Patch Cord; 50cm; Black; 10Gbps; 500 MHz; 4 Pair S/FTP; Snagless RJ45 with
Strain Reliefs; EVA, Al(OH)3; LSZH; 27 AWG; 100% Copper; ETL Verified; ANSI/TIA-568.2-D; Supports Cat6 and
earlier standards; Backed for Life




Similar Part No. - NLBK-50C-CAT6A-PATCH

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
NLB-300 RFMD-NLB-300 Datasheet
204Kb / 8P
CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 10GHz
NLB-300 RFMD-NLB-300 Datasheet
266Kb / 8P
CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 10GHz
NLB-300 RFMD-NLB-300 Datasheet
1,017Kb / 9P
Cascadable Broadband GaAs MMIC Amplifier DC to 10GHz
NLB-300-E RFMD-NLB-300-E Datasheet
204Kb / 8P
CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 10GHz
NLB-300-E RFMD-NLB-300-E Datasheet
266Kb / 8P
CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 10GHz
More results


Similar Description - NLBK-50C-CAT6A-PATCH

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
A-MCSP-80030-Y ASSMANN-A-MCSP-80030-Y Datasheet
73Kb / 1P
Cat5e FTP Patch cable
logo
PANDUIT CORP.
QAPP24BL PANDUIT-QAPP24BL Datasheet
120Kb / 2P
QuickNet Patch Panels and Accessories
logo
PHOENIX CONTACT
2703015 PHOENIX-2703015 Datasheet
955Kb / 25P
Patch panels - PP-RJ-RJ
Dec 6, 2022
2703016 PHOENIX-2703016 Datasheet
1Mb / 29P
Patch panels - PP-RJ-SC
Dec 6, 2022
2703018 PHOENIX-2703018 Datasheet
1Mb / 30P
Patch panels - PP-RJ-SCC
Dec 6, 2022
2703019 PHOENIX-2703019 Datasheet
1Mb / 29P
Patch panels - PP-RJ-IDC
Dec 6, 2022
2703020 PHOENIX-2703020 Datasheet
1Mb / 29P
Patch panels - PP-RJ-RJ-F
Dec 6, 2022
2703021 PHOENIX-2703021 Datasheet
1Mb / 33P
Patch panels - PP-RJ-SC-F
Dec 6, 2022
2703022 PHOENIX-2703022 Datasheet
1Mb / 34P
Patch panels - PP-RJ-SCC-F
Dec 6, 2022
2703023 PHOENIX-2703023 Datasheet
1Mb / 33P
Patch panels - PP-RJ-IDC-F
Dec 6, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com