Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEX4S953 Datasheet (PDF) - StarTech.com Ltd.

PEX4S953 Datasheet PDF - StarTech.com Ltd.
Part # PEX4S953
Download  PEX4S953 Download
File Size   131.63 Kbytes
Page   4 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description 4-port PCI Express RS232 Serial Adapter Card - PCIe RS232 Serial Host Controller Card - PCIe to Serial DB9 Card - 16950 UART - Expansion Card - Windows/Linux

PEX4S953 Datasheet (PDF)

Go To PDF Page Download Datasheet
PEX4S953 Datasheet PDF - StarTech.com Ltd.

Part # PEX4S953
Download  PEX4S953 Click to download

File Size   131.63 Kbytes
Page   4 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description 4-port PCI Express RS232 Serial Adapter Card - PCIe RS232 Serial Host Controller Card - PCIe to Serial DB9 Card - 16950 UART - Expansion Card - Windows/Linux

PEX4S953 Datasheet (HTML) - StarTech.com Ltd.


PEX4S953 Product details

Applications
• Connect to automated self-service kiosks or ATM machines
• Connect in retail POS applications
• Install in home or office workstations
• Connect serial printers and other legacy devices to modern computers

Features
• 4 PORT SERIAL CARD: Serial controller card w/ 16950 UART based on ASIX AX99100, allows 4x DB9 ports
w/bi-directional RS232 speeds up to 921.6Kbps per port, available 256 byte FIFO buffer; Upgraded version of our
popular Serial card PEX4S952
• OPTIONAL CONFIGURABLE POWER: PCIe multiport serial card provides 12v, 5v, or none through pin 9 w/up to
2A total; Each of the 4 ports are individually configurable; DB44 to 4x DB9 breakout cable incl
• STANDARD PROFILE & LOW PROFILE BRACKET: PCI Express RS232 serial adapter card has standard bracket
pre-installed & 1x low profile bracket incl for versatile install; Supports Windows XP and up & Linux
• VERSATILE APPLICATIONS: For standard profile desktop/servers with uses in point of sale terminals, PLCs,
control/automation in factories, scientific sensors, medical equipment, scanners, oscilloscope
• STARTECH.COM ADVANTAGE: IT professionals choice for over 30 years; PCI-e RS232 Serial expansion card is
backed for life by StarTech.com, incl. free 24/5 North America based multi-lingual tech support




Similar Part No. - PEX4S953

ManufacturerPart #DatasheetDescription
logo
StarTech.com Ltd.
PEX4S953LP STARTECH-PEX4S953LP Datasheet
130Kb / 4P
4-port PCI Express RS232 Serial Adapter Card - PCIe RS232 Serial Host Controller Card - PCIe to Serial DB9 - 16950 UART - Low Profile Expansion Card - Windows/Linux
More results


Similar Description - PEX4S953

ManufacturerPart #DatasheetDescription
logo
Silicon image
SII3132 SILICONIMAGE-SII3132 Datasheet
161Kb / 2P
PCI Express to 2-Port Serial ATA II Host Controller
SII3531A SILICONIMAGE-SII3531A Datasheet
524Kb / 81P
PCI Express to Serial ATA Controller
logo
DB Lectro Inc
LS100 DBLECTRO-LS100 Datasheet
298Kb / 2P
Supports RS232 based serial devices via its DB9 serial port
LS100B DBLECTRO-LS100B Datasheet
298Kb / 2P
Supports RS232 based serial devices via its DB9 serial port
LS110 DBLECTRO-LS110 Datasheet
298Kb / 2P
Supports RS232 based serial devices via its DB9 serial port
logo
Tripp Lite. All Rights ...
PCE-D9-04-CBL TRIPPLITE-PCE-D9-04-CBL Datasheet
505Kb / 2P
4-Port DB9 (RS-232) Serial PCI Express (PCIe) Card with Breakout Cable, Full Profile
PCI-D9-02-LP TRIPPLITE-PCI-D9-02-LP Datasheet
497Kb / 2P
2-Port DB9 (RS-232) Serial PCI Card with 16550 UART, Low Profile
logo
Vecow Co., Ltd.
SMX-100 VECOW-SMX-100 Datasheet
565Kb / 1P
4-port RS-232/422/485 Serial Mini PCIe Card
logo
Beckhoff Automation Gmb...
C9900-E301 BECKHOFF-C9900-E301 Datasheet
117Kb / 1P
RS232 PCIe module
logo
Coolgear Inc.
SG-PCIE8SRS422485MOD COOLGEAR-SG-PCIE8SRS422485MOD Datasheet
315Kb / 4P
8 Port Serial RS232/422/485 PCIe Adapter Module
7/16/2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com