Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEX4S953 Datasheet(PDF) 2 Page - StarTech.com Ltd.

Part # PEX4S953
Description  4-port PCI Express RS232 Serial Adapter Card - PCIe RS232 Serial Host Controller Card - PCIe to Serial DB9 Card - 16950 UART - Expansion Card - Windows/Linux
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

PEX4S953 Datasheet(HTML) 2 Page - StarTech.com Ltd.

  PEX4S953 Datasheet HTML 1Page - StarTech.com Ltd. PEX4S953 Datasheet HTML 2Page - StarTech.com Ltd. PEX4S953 Datasheet HTML 3Page - StarTech.com Ltd. PEX4S953 Datasheet HTML 4Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PEX4S953 is backed by a StarTech.com lifetime warranty and free lifetime technical support.
Certifications, Reports and Compatibility
Applications
• Connect to automated self-service kiosks or ATM machines
• Connect in retail POS applications
• Install in home or office workstations
• Connect serial printers and other legacy devices to modern computers
Features
• 4 PORT SERIAL CARD: Serial controller card w/ 16950 UART based on ASIX AX99100, allows 4x DB9 ports
w/bi-directional RS232 speeds up to 921.6Kbps per port, available 256 byte FIFO buffer; Upgraded version of our
popular Serial card PEX4S952
• OPTIONAL CONFIGURABLE POWER: PCIe multiport serial card provides 12v, 5v, or none through pin 9 w/up to
2A total; Each of the 4 ports are individually configurable; DB44 to 4x DB9 breakout cable incl
• STANDARD PROFILE & LOW PROFILE BRACKET: PCI Express RS232 serial adapter card has standard bracket
pre-installed & 1x low profile bracket incl for versatile install; Supports Windows XP and up & Linux
• VERSATILE APPLICATIONS: For standard profile desktop/servers with uses in point of sale terminals, PLCs,
control/automation in factories, scientific sensors, medical equipment, scanners, oscilloscope
• STARTECH.COM ADVANTAGE: IT professionals choice for over 30 years; PCI-e RS232 Serial expansion card is
backed for life by StarTech.com, incl. free 24/5 North America based multi-lingual tech support
Hardware
Warranty
Lifetime
Ports
4
Interface
Serial



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com