Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8231-EP Datasheet (PDF) - Analog Devices

AD8231-EP Datasheet PDF - Analog Devices
Part # AD8231-EP
Download  AD8231-EP Download
File Size   600.01 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Zero Drift, Digitally Programmable Instrumentation Amplifier

AD8231-EP Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8231-EP Datasheet PDF - Analog Devices

Part # AD8231-EP
Download  AD8231-EP Click to download

File Size   600.01 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Zero Drift, Digitally Programmable Instrumentation Amplifier

AD8231-EP Datasheet (HTML) - Analog Devices


AD8231-EP Product details

FEATURES
Digitally/pin-programmable gain
G = 1, 2, 4, 8, 16, 32, 64, or 128
Specified from −55°C to +125°C
50 nV/°C maximum input offset drift
10 ppm/°C maximum gain drift
Excellent dc performance
80 dB minimum CMR, G = 1
15 μV maximum input offset voltage
500 pA maximum bias current
0.7 μV p-p noise (0.1 Hz to 10 Hz)
Good ac performance
2.7 MHz bandwidth, G = 1
1.1 V/μs slew rate
Rail-to-rail output
Shutdown/multiplex
Extra op amp
Single-supply range: 3 V to 6 V
Dual-supply range: ±1.5 V to ±3 V

ENHANCED PRODUCT FEATURES
Supports defense and aerospace applications (AQEC standard)
Military temperature range (−55°C to +125°C)
Controlled manufacturing baseline
One assembly/test site
One fabrication site
Enhanced product change notification
Qualification data available on request




Similar Part No. - AD8231-EP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8231-EVALZ AD-AD8231-EVALZ Datasheet
686Kb / 24P
Zero Drift, Digitally Programmable Instrumentation Amplifier
REV. A
AD8231-EVALZ AD-AD8231-EVALZ Datasheet
668Kb / 25P
Zero Drift, Digitally Programmable Instrumentation Amplifier
REV. C
AD8231-EVALZ AD-AD8231-EVALZ Datasheet
725Kb / 24P
Zero Drift, Digitally Programmable Instrumentation Amplifier
Rev. E
More results


Similar Description - AD8231-EP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8555 AD-AD8555 Datasheet
503Kb / 28P
Zero-Drift, Digitally Programmable Sensor Signal Amplifier
4/04-Revision 0
logo
Linear Technology
LTC6915 LINER-LTC6915 Datasheet
289Kb / 16P
Zero Drift, Precision Instrumentation Amplifier with Digitally Programmable Gain
logo
Analog Devices
AD8231 AD-AD8231_07 Datasheet
137Kb / 8P
Zero Drift, Digital Programmable Instrumentation Amplifier
Rev. PrC
AD8231 AD-AD8231 Datasheet
630Kb / 20P
Zero Drift, Digitally Programmable Instrumentation Amplifier
REV. 0
AD8231 AD-AD8231_1 Datasheet
686Kb / 24P
Zero Drift, Digitally Programmable Instrumentation Amplifier
REV. A
AD8231 AD-AD8231_15 Datasheet
589Kb / 24P
Zero Drift, Digitally Programmable Instrumentation Amplifier
REV. B
AD8555 AD-AD8555_15 Datasheet
616Kb / 28P
Zero-Drift, Digitally Programmable
Rev. A
logo
Linear Technology
LTC6915 LINER-LTC6915_15 Datasheet
295Kb / 18P
Zero Drift, Precision Instrumentation Amplifier with Digitally Programmable Gain
logo
Analog Devices
AD8231 AD-AD8231_16 Datasheet
668Kb / 25P
Zero Drift, Digitally Programmable Instrumentation Amplifier
REV. C
AD8231 AD-AD8231_V01 Datasheet
725Kb / 24P
Zero Drift, Digitally Programmable Instrumentation Amplifier
Rev. E
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com