Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8512-EP Datasheet (PDF) - Analog Devices

AD8512-EP Datasheet PDF - Analog Devices
Part # AD8512-EP
Download  AD8512-EP Download
File Size   206.62 Kbytes
Page   7 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifier

AD8512-EP Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8512-EP Datasheet PDF - Analog Devices

Part # AD8512-EP
Download  AD8512-EP Click to download

File Size   206.62 Kbytes
Page   7 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifier

AD8512-EP Datasheet (HTML) - Analog Devices


AD8512-EP Product details

FEATURES
Fast settling time: 500 ns to 0.1%
Low offset voltage: 1.0 mV maximum at VS = ±15 V
Low offset voltage drift: 1.7 μV/°C typical
Low input bias current: 25 pA typical at VS = ±15 V
Dual-supply operation: ±5 V to ±15 V
Low noise: 8.0 nV/√Hz typical at f = 1 kHz
Low distortion: 0.0005%
No phase reversal
Unity gain stable

ENHANCED PRODUCT FEATURES
Supports defense and aerospace applications (AQEC standard)
Military temperature range (−55°C to +125°C)
Controlled manufacturing baseline
1 assembly/test site
1 fabrication site
Product change notification
Qualification data available on request

APPLICATIONS
Instrumentation
Multipole filters
Precision current measurement
Photodiode amplifiers
Military communication
Avionics




Similar Part No. - AD8512-EP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8512 AD-AD8512 Datasheet
497Kb / 20P
Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifiers
6/04-Data Sheet Changed from Rev. D to Rev. E
AD8512 AD-AD8512 Datasheet
465Kb / 20P
Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifiers
Rev. H
AD8512 AD-AD8512 Datasheet
380Kb / 21P
Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifiers
Rev. K
AD8512 AD-AD8512 Datasheet
1Mb / 27P
Low Noise, Precision, Rail-to-Rail Output, JFET Single/Dual/Quad Op Amps
Rev. I
AD8512 AD-AD8512 Datasheet
780Kb / 20P
30 V, High Speed, Low Noise, Low Bias Current, JFET Operational Amplifier
Rev. F
More results


Similar Description - AD8512-EP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8610 AD-AD8610 Datasheet
41Kb / 4P
Precision Very Low Noise Low Input Bias Current Wide Bandwidth JFET Operational Amplifiers
AD8671 AD-AD8671 Datasheet
92Kb / 4P
Precision Very Low Noise Low Input Bias Current Operational Amplifiers
AD8510 AD-AD8510 Datasheet
497Kb / 20P
Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifiers
6/04-Data Sheet Changed from Rev. D to Rev. E
AD8620 AD-AD8620 Datasheet
414Kb / 20P
Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifier
2/04-Data Sheet changed from REV. C to REV. D.
AD8671 AD-AD8671_05 Datasheet
465Kb / 16P
Precision, Very Low Noise, Low Input Bias Current Operational Amplifiers
REV. C
AD8610 AD-AD8610_06 Datasheet
1,004Kb / 24P
Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifier
Rev. E
AD8510 AD-AD8510_07 Datasheet
465Kb / 20P
Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifiers
Rev. H
ADA4610-2 AD-ADA4610-2 Datasheet
149Kb / 4P
Precision, Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifiers
Rev. PrA
AD8672ARMZ AD-AD8672ARMZ Datasheet
439Kb / 20P
Precision, Very Low Noise, Low Input Bias Current Operational Amplifiers
Rev. F
AD8510 AD-AD8510_15 Datasheet
435Kb / 20P
Precision, Very Low Noise, Low Input Bias Current
Rev. I
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com