Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8512 Datasheet (PDF) - Analog Devices

AD8512 Datasheet PDF - Analog Devices
Part # AD8512
Download  AD8512 Download
File Size   497.3 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifiers

AD8512 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8512 Datasheet PDF - Analog Devices

Part # AD8512
Download  AD8512 Click to download

File Size   497.3 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifiers

AD8512 Datasheet (HTML) - Analog Devices


AD8512 Product details

GENERAL DESCRIPTION
The AD8510/AD8512/AD8513 are single-, dual-, and quad precision JFET amplifiers that feature low offset voltage, input bias current, input voltage noise, and input current noise. The combination of low offsets, low noise, and very low input bias currents makes these amplifiers especially suitable for high impedance sensor amplification and precise current measurements
using shunts.
The combination of dc precision, low noise, and fast settling time results in superior accuracy in medical instruments, electronic measurement, and automated test equipment. Unlike many competitive amplifiers, the AD8510/AD8512/AD8513 maintain their fast settling performance even with substantial capacitive loads. Unlike many older JFET amplifiers, the  AD8510/AD8512/AD8513 do not suffer from output phase reversal when input voltages exceed the maximum common-mode voltage range.

FEATURES
   Fast settling time: 500 ns to 0.1%
   Low offset voltage: 400 μV maximum
   Low TCVOS: 1 μV/°C typical
   Low input bias current: 25 pA typical at VS= ±15 V
   Dual-supply operation: ±5 V to ±15 V
   Low noise: 8 nV/√Hz typical at f = 1 kHz
   Low distortion: 0.0005%
   No phase reversal
   Unity gain stable

APPLICATIONS
   Instrumentation
   Multipole filters
   Precision current measurement
   Photodiode amplifiers
   Sensors
   Audio




Similar Part No. - AD8512

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8512 AD-AD8512 Datasheet
465Kb / 20P
Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifiers
Rev. H
AD8512 AD-AD8512 Datasheet
380Kb / 21P
Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifiers
Rev. K
AD8512 AD-AD8512 Datasheet
1Mb / 27P
Low Noise, Precision, Rail-to-Rail Output, JFET Single/Dual/Quad Op Amps
Rev. I
AD8512 AD-AD8512 Datasheet
780Kb / 20P
30 V, High Speed, Low Noise, Low Bias Current, JFET Operational Amplifier
Rev. F
AD8512-EP AD-AD8512-EP Datasheet
206Kb / 7P
Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifier
Rev. 0
More results


Similar Description - AD8512

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8610 AD-AD8610 Datasheet
41Kb / 4P
Precision Very Low Noise Low Input Bias Current Wide Bandwidth JFET Operational Amplifiers
AD8671 AD-AD8671 Datasheet
92Kb / 4P
Precision Very Low Noise Low Input Bias Current Operational Amplifiers
AD8620 AD-AD8620 Datasheet
414Kb / 20P
Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifier
2/04-Data Sheet changed from REV. C to REV. D.
AD8671 AD-AD8671_05 Datasheet
465Kb / 16P
Precision, Very Low Noise, Low Input Bias Current Operational Amplifiers
REV. C
AD8610 AD-AD8610_06 Datasheet
1,004Kb / 24P
Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifier
Rev. E
AD8510 AD-AD8510_07 Datasheet
465Kb / 20P
Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifiers
Rev. H
ADA4610-2 AD-ADA4610-2 Datasheet
149Kb / 4P
Precision, Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifiers
Rev. PrA
AD8672ARMZ AD-AD8672ARMZ Datasheet
439Kb / 20P
Precision, Very Low Noise, Low Input Bias Current Operational Amplifiers
Rev. F
OP1177 AD-OP1177_15 Datasheet
479Kb / 24P
Precision Low Noise, Low Input Bias Current Operational Amplifiers
Rev. G
OP2177 AD-OP2177_15 Datasheet
479Kb / 24P
Precision Low Noise, Low Input Bias Current Operational Amplifiers
Rev. G
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com