Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8512 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8512
Description  Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8512 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8512 Datasheet HTML 3Page - Analog Devices AD8512 Datasheet HTML 4Page - Analog Devices AD8512 Datasheet HTML 5Page - Analog Devices AD8512 Datasheet HTML 6Page - Analog Devices AD8512 Datasheet HTML 7Page - Analog Devices AD8512 Datasheet HTML 8Page - Analog Devices AD8512 Datasheet HTML 9Page - Analog Devices AD8512 Datasheet HTML 10Page - Analog Devices AD8512 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
AD8510/AD8512/AD8513
Rev. E | Page 7 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
INPUT OFFSET VOLTAGE (mV)
–0.5
0
20
40
60
–0.4 –0.3
80
100
120
–0.2 –0.1
0
0.1
0.2
0.3
0.4
0.5
VSY = ±15V
TA = 25°C
Figure 7. Input Offset Voltage Distribution
TCVOS (µV/°C)
0
0
5
10
15
1
20
25
30
23
4
5
6
VSY = ±15V
B GRADE
Figure 8. AD8510/AD8512 TCVOS Distribution
TCVOS (µV/°C)
0
0
5
10
15
1
20
25
30
23
4
5
6
VSY = ±15V
A GRADE
Figure 9. AD8510/AD8512 TCVOS Distribution
TEMPERATURE (°C)
–40
1
10
100
1k
–25
10k
100k
–10
5
20
35
50
65
80
95
110 125
VSY = ±5V, ±15V
Figure 10. Input Bias Current vs. Temperature
TEMPERATURE (°C)
–40
0.1
1
10
100
–25
1000
–10
5
20
35
50
65
80
95
110
125
±15V
±5V
Figure 11. Input Offset Current vs. Temperature
SUPPLY VOLTAGE (V+ – V– )
8
0
5
10
15
13
20
25
30
18
23
28
30
35
40
TA = 25°C
Figure 12. Input Bias Current vs. Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com