Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8512 Datasheet(PDF) 18 Page - Analog Devices

Part # AD8512
Description  Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8512 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD8512 Datasheet HTML 12Page - Analog Devices AD8512 Datasheet HTML 13Page - Analog Devices AD8512 Datasheet HTML 14Page - Analog Devices AD8512 Datasheet HTML 15Page - Analog Devices AD8512 Datasheet HTML 16Page - Analog Devices AD8512 Datasheet HTML 17Page - Analog Devices AD8512 Datasheet HTML 18Page - Analog Devices AD8512 Datasheet HTML 19Page - Analog Devices AD8512 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
AD8510/AD8512/AD8513
Rev. E | Page 18 of 20
TIME (2ms/DIV)
Signal Transmission Applications
One popular signal transmission method uses pulse-width
modulation. High data rates may require a fast comparator
rather than an op amp. However, the need for sharp and
undistorted signals may favor using a linear amplifier.
The AD8510/AD8512/AD8513 make excellent voltage
comparators. In addition to a high slew rate, the AD8510/
AD8512/AD8513 have a very fast saturation recovery time. In
the absence of feedback, the amplifiers are in open-loop mode
(very high gain). In this mode of operation, they spend much of
their time in saturation.
The circuit in Figure 54 compares two signals of different
frequencies, namely a 100 Hz sine wave and a 1 kHz triangular
wave. Figure 56 shows a scope photograph of the output wave-
form. A pull-up resistor (typically 5 kΩ) may be connected from
the output to VCC if the output voltage needs to reach the posi-
tive rail. The trade-off is that power consumption will be higher.
Figure 56. Pulse-Width Modulation
Crosstalk
Crosstalk, also known as channel separation, is a measure of
signal feedthrough from one channel to the other on the same
IC. The AD8512/AD8513 have a channel separation better than
−90 dB for frequencies up to 10 kHz, and better than −50 dB for
frequencies up to 10 MHz. Figure 57 shows the typical channel
separation behavior between amplifier A (driving amplifier),
with respect to amplifiers B, C, and D.
VOUT
V1
V2
4
2
6
7
3
–15V
+15V
FREQUENCY (Hz)
100
–160
10k
–140
–120
–80
1k
–60
–20
–40
100k
1M
10M
–100
0
CH-D
CH-C
CH-B
Figure 54. Pulse-Width Modulator
VOUT
1
2
7
6
5
4
3
8
+VS
20k
Ω
2.2k
Ω
5k
Ω
5k
Ω
–VS
VIN
18V p-p
CROSSTALK = 20 LOG
VOUT
10VIN
Figure 57. Channel Separation
Figure 55. Crosstalk Test Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com