Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4208 Datasheet (PDF) - Analog Devices

ADF4208 Datasheet PDF - Analog Devices
Part # ADF4208
Download  ADF4208 Download
File Size   424.84 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual RF PLL Frequency Synthesizers

ADF4208 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADF4208 Datasheet PDF - Analog Devices

Part # ADF4208
Download  ADF4208 Click to download

File Size   424.84 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual RF PLL Frequency Synthesizers

ADF4208 Datasheet (HTML) - Analog Devices


ADF4208 Product details

FEATURES
ADF4206: 550 MHz/550 MHz
ADF4208: 2.0 GHz/1.1 GHz
2.7 V to 5.5 V power supply
Selectable charge pump supply (VP) allows extended tuning voltage in 3 V systems
Selectable charge pump currents
On-chip oscillator circuit
Selectable dual modulus prescaler RF2: 32/33 or 64/65 RF1: 32/33 or 64/65
3-wire serial interface
Power-down mode

APPLICATIONS
Wireless handsets (GSM, PCS, DCS, CDMA, WCDMA)
Base stations for wireless radio (GSM, PCS, DCS, CDMA, WCDMA)
Wireless LANS
Communications test equipment
CATV equipment




Similar Part No. - ADF4208

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4208 AD-ADF4208 Datasheet
206Kb / 20P
Dual RF PLL Frequency Synthesizers
REV.0
ADF4208BRU AD-ADF4208BRU Datasheet
206Kb / 20P
Dual RF PLL Frequency Synthesizers
REV.0
More results


Similar Description - ADF4208

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4110 AD-ADF4110 Datasheet
263Kb / 24P
RF PLL Frequency Synthesizers
REV.0
ADF4116 AD-ADF4116 Datasheet
226Kb / 20P
RF PLL Frequency Synthesizers
REV.0
ADF4206 AD-ADF4206 Datasheet
206Kb / 20P
Dual RF PLL Frequency Synthesizers
REV.0
ADF4218 AD-ADF4218 Datasheet
227Kb / 20P
Dual RF PLL Frequency Synthesizers
REV.0
ADF4207 AD-ADF4207_15 Datasheet
226Kb / 20P
Dual RF PLL Frequency Synthesizers
REV. 0
ADF4217 AD-ADF4217_15 Datasheet
247Kb / 20P
Dual RF PLL Frequency Synthesizers
REV. 0
ADF4111 AD-ADF4111_15 Datasheet
428Kb / 28P
RF PLL Frequency Synthesizers
Rev. F
ADF4116 AD-ADF4116_15 Datasheet
486Kb / 28P
RF PLL Frequency Synthesizers
REV. D
ADF4212 AD-ADF4212_15 Datasheet
252Kb / 20P
Dual RF/IF PLL Frequency Synthesizers
REV. A
ADF4213 AD-ADF4213_15 Datasheet
252Kb / 20P
Dual RF/IF PLL Frequency Synthesizers
REV. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com