Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4110 Datasheet (PDF) - Analog Devices

ADF4110 Datasheet PDF - Analog Devices
Part # ADF4110
Download  ADF4110 Download
File Size   263.71 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description RF PLL Frequency Synthesizers

ADF4110 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADF4110 Datasheet PDF - Analog Devices

Part # ADF4110
Download  ADF4110 Click to download

File Size   263.71 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description RF PLL Frequency Synthesizers

ADF4110 Datasheet (HTML) - Analog Devices


ADF4110 Product details

GENERAL DESCRIPTION
The ADF4110 family of frequency synthesizers can be used to implement local oscillators in the upconversion and downconversion sections of wireless receivers and transmitters. They consist of a low noise digital PFD (phase frequency detector), a precision charge pump, a programmable reference divider, programmable A and B counters, and a dual-modulus prescaler (P/P + 1). The A (6-bit) and B (13-bit) counters, in conjunction with the dual-modulus prescaler (P/P + 1), implement an N divider (N = BP + A). In addition, the 14-bit reference counter (R counter) allows selectable REFIN frequencies at the PFD input. A complete phase-locked loop (PLL) can be implemented if the synthesizer is used with an external loop filter and voltage controlled oscillator (VCO).

FEATURES
   ADF4110: 550 MHz; ADF4111: 1.2 GHz; ADF4112: 3.0 GHz;
      ADF4113: 4.0 GHz
   2.7 V to 5.5 V power supply
   Separate charge pump supply (VP) allows extended tuning
      voltage in 3 V systems
   Programmable dual-modulus prescaler 8/9, 16/17, 32/33,
      64/65
   Programmable charge pump currents
   Programmable antibacklash pulse width
   3-wire serial interface
   Analog and digital lock detect
   Hardware and software power-down mode

APPLICATIONS
   Base stations for wireless radio (GSM, PCS, DCS, CDMA,
      WCDMA)
   Wireless handsets (GSM, PCS, DCS, CDMA, WCDMA)
   Wireless LANS
   Communications test equipment
   CATV equipment




Similar Part No. - ADF4110

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4110 AD-ADF4110 Datasheet
2Mb / 20P
300 MHz to 1000 MHz Quadrature Modulator
10/06-Revision 0
ADF4110 AD-ADF4110 Datasheet
2Mb / 32P
400 MHz to 6 GHz Broadband Quadrature Modulator
REV. 0
ADF4110 AD-ADF4110 Datasheet
354Kb / 24P
Fractional-N Frequency Synthesizer
Rev. F
ADF4110BCP AD-ADF4110BCP Datasheet
929Kb / 28P
50 MHz to 1000 MHz Quadrature Demodulator
REV. A
ADF4110BCPZ AD-ADF4110BCPZ Datasheet
428Kb / 28P
RF PLL Frequency Synthesizers
Rev. F
More results


Similar Description - ADF4110

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4116 AD-ADF4116 Datasheet
226Kb / 20P
RF PLL Frequency Synthesizers
REV.0
EVAL-ADF4113EBZ1 AD-EVAL-ADF4113EBZ1 Datasheet
428Kb / 28P
RF PLL Frequency Synthesizers
Rev. F
ADF4116 AD-ADF4116_07 Datasheet
486Kb / 28P
RF PLL Frequency Synthesizers
Rev. D
ADF4110 AD-ADF4110_13 Datasheet
428Kb / 28P
RF PLL Frequency Synthesizers
Rev. F
ADF4110 AD-ADF4110_15 Datasheet
428Kb / 28P
RF PLL Frequency Synthesizers
Rev. F
ADF4111 AD-ADF4111_15 Datasheet
428Kb / 28P
RF PLL Frequency Synthesizers
Rev. F
ADF4112 AD-ADF4112_15 Datasheet
428Kb / 28P
RF PLL Frequency Synthesizers
Rev. F
ADF4113 AD-ADF4113_15 Datasheet
428Kb / 28P
RF PLL Frequency Synthesizers
Rev. F
ADF4116 AD-ADF4116_15 Datasheet
486Kb / 28P
RF PLL Frequency Synthesizers
REV. D
ADF4118 AD-ADF4118_15 Datasheet
486Kb / 28P
RF PLL Frequency Synthesizers
REV. D
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com