Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4110 Datasheet(PDF) 6 Page - Analog Devices

Part # ADF4110
Description  RF PLL Frequency Synthesizers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4110 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADF4110 Datasheet HTML 2Page - Analog Devices ADF4110 Datasheet HTML 3Page - Analog Devices ADF4110 Datasheet HTML 4Page - Analog Devices ADF4110 Datasheet HTML 5Page - Analog Devices ADF4110 Datasheet HTML 6Page - Analog Devices ADF4110 Datasheet HTML 7Page - Analog Devices ADF4110 Datasheet HTML 8Page - Analog Devices ADF4110 Datasheet HTML 9Page - Analog Devices ADF4110 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
REV. 0
ADF4110/ADF4111/ADF4112/ADF4113
–6–
–Typical Performance Characteristics
FREQ-UNIT PARAM-TYPE DATA-FORMAT KEYWORD
IMPEDANCE – OHMS
GHz
S
MA
R
50
FREQ
MAGS11
ANGS11
1.05
0.9512
–40.134
1.10
0.93458
–43.747
1.15
0.94782
–44.393
1.20
0.96875
–46.937
1.25
0.92216
–49.6
1.30
0.93755
–51.884
1.35
0.96178
–51.21
1.40
0.94354
–53.55
1.45
0.95189
–56.786
1.50
0.97647
–58.781
1.55
0.98619
–60.545
1.60
0.95459
–61.43
1.65
0.97945
–61.241
1.70
0.98864
–64.051
1.75
0.97399
–66.19
1.80
0.97216
–63.775
FREQ
MAGS11
ANGS11
0.05
0.89207
–2.0571
0.10
0.8886
–4.4427
0.15
0.89022
–6.3212
0.20
0.96323
–2.1393
0.25
0.90566
–12.13
0.30
0.90307
–13.52
0.35
0.89318
–15.746
0.40
0.89806
–18.056
0.45
0.89565
–19.693
0.50
0.88538
–22.246
0.55
0.89699
–24.336
0.60
0.89927
–25.948
0.65
0.87797
–28.457
0.70
0.90765
–29.735
0.75
0.88526
–31.879
0.80
0.81267
–32.681
0.85
0.90357
–31.522
0.90
0.92954
–34.222
0.95
0.92087
–36.961
1.00
0.93788
–39.343
Figure 2. S-Parameter Data for the ADF4113 RF Input (Up
to 1.8 GHz)
RF INPUT FREQUENCY – GHz
0
4
2
3
–35
0
–15
–20
–25
–30
–5
–10
1
VDD = 3V
VP = 3V
TA = +85 C
TA = +25 C
TA = –40 C
5
Figure 3. Input Sensitivity (ADF4113)
–2kHz
–1kHz
900MHz
+1kHz
+2kHz
VDD = 3V, VP = 5V
ICP = 5mA
PFD FREQUENCY = 200kHz
LOOP BANDWIDTH = 20kHz
RES. BANDWIDTH = 10Hz
VIDEO BANDWIDTH = 10Hz
SWEEP = 1.9 SECONDS
AVERAGES = 19
–91.0dBc/Hz
REFERENCE
LEVEL = –4.2dBm
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
Figure 4. ADF4113 Phase Noise (900 MHz, 200 kHz, 20 kHz)
–2kHz
–1kHz
900MHz
+1kHz
+2kHz
VDD = 3V, VP = 5V
ICP = 5mA
PFD FREQUENCY = 200kHz
LOOP BANDWIDTH = 20kHz
RES. BANDWIDTH = 10Hz
VIDEO BANDWIDTH = 10Hz
SWEEP = 1.9 SECONDS
AVERAGES = 19
REFERENCE
LEVEL = –4.2dBm
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
–92.5dBc/Hz
Figure 5. ADF4113 Phase Noise (900 MHz, 200 kHz,
20 kHz) with DLY and SYNC Enabled
10dB/DIVISION
RL = –40dBc/Hz
RMS NOISE = 0.52
100Hz
FREQUENCY OFFSET FROM 900MHz CARRIER
1MHz
0.52 rms
–90
–80
–70
–60
–50
–40
–100
–110
–120
–130
–140
Figure 6. ADF4113 Integrated Phase Noise (900 MHz,
200 kHz, 20 kHz, Typical Lock Time: 400
µs)
10dB/DIVISION
RL = –40dBc/Hz
RMS NOISE = 0.62
100Hz
FREQUENCY OFFSET FROM 900MHz CARRIER
1MHz
0.62 rms
–90
–80
–70
–60
–50
–40
–100
–110
–120
–130
–140
Figure 7. ADF4113 Integrated Phase Noise (900 MHz,
200 kHz, 35 kHz, Typical Lock Time: 200
µs)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com