Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4110 Datasheet(PDF) 1 Page - Analog Devices

Part # ADF4110
Description  RF PLL Frequency Synthesizers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4110 Datasheet(HTML) 1 Page - Analog Devices

  ADF4110 Datasheet HTML 1Page - Analog Devices ADF4110 Datasheet HTML 2Page - Analog Devices ADF4110 Datasheet HTML 3Page - Analog Devices ADF4110 Datasheet HTML 4Page - Analog Devices ADF4110 Datasheet HTML 5Page - Analog Devices ADF4110 Datasheet HTML 6Page - Analog Devices ADF4110 Datasheet HTML 7Page - Analog Devices ADF4110 Datasheet HTML 8Page - Analog Devices ADF4110 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
ADF4110/ADF4111/ADF4112/ADF4113
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2000
RF PLL Frequency Synthesizers
FEATURES
ADF4110: 550 MHz
ADF4111: 1.2 GHz
ADF4112: 3.0 GHz
ADF4113: 4.0 GHz
2.7 V to 5.5 V Power Supply
Separate Charge Pump Supply (VP) Allows Extended
Tuning Voltage in 3 V Systems
Programmable Dual Modulus Prescaler 8/9, 16/17,
32/33, 64/65
Programmable Charge Pump Currents
Programmable Antibacklash Pulsewidth
3-Wire Serial Interface
Analog and Digital Lock Detect
Hardware and Software Power-Down Mode
APPLICATIONS
Base Stations for Wireless Radio (GSM, PCS, DCS,
CDMA, WCDMA)
Wireless Handsets (GSM, PCS, DCS, CDMA, WCDMA)
Wireless LANS
Communications Test Equipment
CATV Equipment
GENERAL DESCRIPTION
The ADF4110 family of frequency synthesizers can be used
to implement local oscillators in the upconversion and down-
conversion sections of wireless receivers and transmitters. They
consist of a low-noise digital PFD (Phase Frequency Detector),
a precision charge pump, a programmable reference divider,
programmable A and B counters and a dual-modulus prescaler
(P/P+1). The A (6-bit) and B (13-bit) counters, in conjunction
with the dual modulus prescaler (P/P+1), implement an N
divider (N = BP + A). In addition, the 14-bit reference counter
(R Counter), allows selectable REFIN frequencies at the PFD
input. A complete PLL (Phase-Locked Loop) can be imple-
mented if the synthesizer is used with an external loop filter and
VCO (Voltage Controlled Oscillator).
Control of all the on-chip registers is via a simple 3-wire interface.
The devices operate with a power supply ranging from 2.7 V to
5.5 V and can be powered down when not in use.
FUNCTIONAL BLOCK DIAGRAM
REFERENCE
N = BP + A
FUNCTION
LATCH
PRESCALER
P/P +1
13-BIT
B COUNTER
6-BIT
A COUNTER
14-BIT
R COUNTER
24-BIT
INPUT REGISTER
R COUNTER
LATCH
A, B COUNTER
LATCH
PHASE
FREQUENCY
DETECTOR
CHARGE
PUMP
M3
M2
M1
HIGH Z
MUX
MUXOUT
CP
AVDD
SDOUT
19
13
14
22
SDOUT
FROM
FUNCTION
LATCH
DGND
AGND
CE
RFINB
RFINA
LE
DATA
CLK
REFIN
CPGND
VP
DVDD
AVDD
LOCK
DETECT
ADF4110/ADF4111
ADF4112/ADF4113
RSET
CURRENT
SETTING 2
CPI3 CPI2 CPI1 CPI6 CPI5 CPI4
CURRENT
SETTING 1
6
LOAD
LOAD


Similar Part No. - ADF4110

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4110 AD-ADF4110 Datasheet
2Mb / 20P
300 MHz to 1000 MHz Quadrature Modulator
10/06-Revision 0
ADF4110 AD-ADF4110 Datasheet
2Mb / 32P
400 MHz to 6 GHz Broadband Quadrature Modulator
REV. 0
ADF4110 AD-ADF4110 Datasheet
354Kb / 24P
Fractional-N Frequency Synthesizer
Rev. F
ADF4110BCP AD-ADF4110BCP Datasheet
929Kb / 28P
50 MHz to 1000 MHz Quadrature Demodulator
REV. A
ADF4110BCPZ AD-ADF4110BCPZ Datasheet
428Kb / 28P
RF PLL Frequency Synthesizers
Rev. F
More results

Similar Description - ADF4110

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4116 AD-ADF4116 Datasheet
226Kb / 20P
RF PLL Frequency Synthesizers
REV.0
EVAL-ADF4113EBZ1 AD-EVAL-ADF4113EBZ1 Datasheet
428Kb / 28P
RF PLL Frequency Synthesizers
Rev. F
ADF4116 AD-ADF4116_07 Datasheet
486Kb / 28P
RF PLL Frequency Synthesizers
Rev. D
ADF4110 AD-ADF4110_13 Datasheet
428Kb / 28P
RF PLL Frequency Synthesizers
Rev. F
ADF4110 AD-ADF4110_15 Datasheet
428Kb / 28P
RF PLL Frequency Synthesizers
Rev. F
ADF4111 AD-ADF4111_15 Datasheet
428Kb / 28P
RF PLL Frequency Synthesizers
Rev. F
ADF4112 AD-ADF4112_15 Datasheet
428Kb / 28P
RF PLL Frequency Synthesizers
Rev. F
ADF4113 AD-ADF4113_15 Datasheet
428Kb / 28P
RF PLL Frequency Synthesizers
Rev. F
ADF4116 AD-ADF4116_15 Datasheet
486Kb / 28P
RF PLL Frequency Synthesizers
REV. D
ADF4118 AD-ADF4118_15 Datasheet
486Kb / 28P
RF PLL Frequency Synthesizers
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com