Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UG-2112 Datasheet (PDF) - Analog Devices

UG-2112 Datasheet PDF - Analog Devices
Part # UG-2112
Download  UG-2112 Download
File Size   3153.34 Kbytes
Page   7 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Evaluating the AD8411A, −2 V to 70 V Wide Input Voltage Range, 2.7 MHz High Bandwidth, Current-Sense Amplifier with PWM Rejection and Gain 50 V/V

UG-2112 Datasheet (PDF)

Go To PDF Page Download Datasheet
UG-2112 Datasheet PDF - Analog Devices

Part # UG-2112
Download  UG-2112 Click to download

File Size   3153.34 Kbytes
Page   7 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Evaluating the AD8411A, −2 V to 70 V Wide Input Voltage Range, 2.7 MHz High Bandwidth, Current-Sense Amplifier with PWM Rejection and Gain 50 V/V

UG-2112 Datasheet (HTML) - Analog Devices


UG-2112 Product details

FEATURES
► Enables quick breadboarding and prototyping
► Easily configurable for unidirectional or bidirectional operation
► Includes provision for current-sense shunt resistor
► Easy connection to test equipment
► Includes provisions for an input filter and an output filter
► Decoupled supply line




Similar Part No. - UG-2112

ManufacturerPart #DatasheetDescription
logo
Analog Devices
UG-2140 AD-UG-2140 Datasheet
922Kb / 7P
Evaluation of the ADRF5716 Silicon Digital Attenuator, 2-Bit, 100 MHz to 30 GHz
Rev. 0
UG-2141 AD-UG-2141 Datasheet
1Mb / 13P
Evaluating the AD5683R (SPI) and the AD5693R (I2C) Single-Channel, 16-Bit, Serial, Voltage Output DACs
Rev. 0
UG-2158 AD-UG-2158 Datasheet
846Kb / 7P
Evaluation of the ADRF5715 Silicon Digital Attenuator, 1-Bit, 1 MHz to 30 GHz
Rev. 0
UG-2171 AD-UG-2171 Datasheet
1Mb / 7P
Evaluation of the ADRF5717 Silicon Digital Attenuator, 2-Bit, 1 MHz to 30 GHz
Rev. 0
UG-2173 AD-UG-2173 Datasheet
808Kb / 9P
Evaluation of the ADRF5714 Silicon Digital Attenuator, 1-Bit, 100 MHz to 30 GHz
Rev. 0
More results


Similar Description - UG-2112

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA290 TI-INA290_V01 Datasheet
1Mb / 27P
INAx290 2.7-V to 120-V, 1.1-MHz, Ultra-Precise Current Sense Amplifier
INA280 TI-INA280 Datasheet
1Mb / 25P
INA280 2.7-V to 120-V, 1.1-MHz, High Precision Current Sense Amplifier in Small (SC-70) Package
INA290 TI-INA290_V02 Datasheet
1Mb / 32P
INAx290 2.7-V to 120-V, 1.1-MHz, Ultra-Precise Current Sense Amplifier
INA183 TI-INA183 Datasheet
1Mb / 24P
INA183 2.7-V to 26-V, High-Precision Current Sense Amplifier
INA290 TI-INA290_V03 Datasheet
2Mb / 37P
INAx290 2.7-V to 120-V, 1.1-MHz, Ultra-Precise, Current-Sense Amplifier
INA241A TI-INA241A Datasheet
1Mb / 27P
INA241x ??-V to 110-V, Bidirectional, Ultra-Precise Current Sense Amplifier With Enhanced PWM Rejection
MARCH 2022
INA241A TI-INA241A_V01 Datasheet
2Mb / 32P
INA241x –5 V to 110 V, Bidirectional, Ultra-Precise Current Sense Amplifier With Enhanced PWM Rejection
REVISED AUGUST 2022
logo
Analog Devices
AD8410A AD-AD8410A Datasheet
1Mb / 23P
−2 V to 70 V Wide Input Voltage Range, 2.2 MHz High Bandwidth, Current-Sense Amplifier with PWM Rejection
Rev. 0
AD8411A AD-AD8411A Datasheet
1Mb / 23P
−2 V to 70 V Wide Input Voltage Range, 2.7 MHz High Bandwidth, Current-Sense Amplifier with PWM Rejection and Gain 50 V/V
Rev. 0
logo
Texas Instruments
INA241A TI1-INA241A_V03 Datasheet
2Mb / 39P
INA241x –5 V to 110 V, Bidirectional, Ultra-Precise Current Sense Amplifier With Enhanced PWM Rejection
REVISED JULY 2023
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com