Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AA.178.B.301111 Datasheet (PDF) - Taoglas antenna solutions

AA.178.B.301111 Datasheet PDF - Taoglas antenna solutions
Part # AA.178.B.301111
Download  AA.178.B.301111 Download
File Size   3885.13 Kbytes
Page   24 Pages
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions
Description Magma X

AA.178.B.301111 Datasheet (PDF)

Go To PDF Page Download Datasheet
AA.178.B.301111 Datasheet PDF - Taoglas antenna solutions

Part # AA.178.B.301111
Download  AA.178.B.301111 Click to download

File Size   3885.13 Kbytes
Page   24 Pages
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions
Description Magma X

AA.178.B.301111 Datasheet (HTML) - Taoglas antenna solutions


AA.178.B.301111 Product details

Description
Magma X Active GPS L1/L5 Magnetic Mount Antenna

Features:
Magnetic Mount Antenna
Covers GPS L1 / L5 Bands along with BeiDou B1, IRNSS L5 and GLONASS G1
Excellent Out-Of-Band Rejection
Low Noise Figure
Cable: 3m of RG-174
Connector: SMA(M) ST
IP67 Waterproof Rated Enclosure
Dimensions: 49.8 x 52.4 x 17.1mm
RoHS & Reach Compliant




Similar Part No. - AA.178.B.301111

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
AA.170.301111 TAOGLAS-AA.170.301111 Datasheet
1Mb / 22P
Cable and connector customizable
AA.171.301111 TAOGLAS-AA.171.301111 Datasheet
835Kb / 19P
First Tier Automotive TS16949 Approved
AA.175.301111 TAOGLAS-AA.175.301111 Datasheet
1Mb / 20P
Magma X2
Revision: B 2020-06-02
AA.175.B.301111 TAOGLAS-AA.175.B.301111 Datasheet
3Mb / 24P
Magma X
Revision: A 2024-07-22
More results


Similar Description - AA.178.B.301111

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT723622 IDT-IDT723622 Datasheet
294Kb / 26P
CMOS SyncBiFIFOO 256 x 36 x 2, 512 x 36 x 2, 1024 x 36 x 2
IDT72605 IDT-IDT72605 Datasheet
209Kb / 20P
CMOS SyncBiFIFOO 256 x 18 x 2 and 512 x 18 x 2
IDT72V3622 IDT-IDT72V3622 Datasheet
217Kb / 29P
3.3 VOLT CMOS SyncBiFIFO 256 x 36 x 2 512 x 36 x 2 1,024 x 36 x 2
IDT72201 IDT-IDT72201 Datasheet
199Kb / 19P
CMOS SyncFIFO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9
logo
AAEON Technology
BP-204SA-P2 AAEON-BP-204SA-P2 Datasheet
597Kb / 1P
ISA x 4, APCI x 2, PCI x 2
logo
Taoglas antenna solutio...
AA170301111 TAOGLAS-AA170301111 Datasheet
1Mb / 22P
Magma IP67 GPS/GLONASS/GALILEO/BeiDou External Automotive Antenna 3M RG-174 SMA(M)
logo
STANLEY ELECTRIC CO.,LT...
THG1111C-0005-TR STANLEY-THG1111C-0005-TR Datasheet
660Kb / 22P
Outer Dimension 1.6 x 0.8 x 0.7mm( L x W x H )
logo
Bel Fuse Inc.
MBC300 BEL-MBC300 Datasheet
929Kb / 7P
5.0 x 3.0 x 1.5 in (127.0 x 76.2 x 38.1 mm)
logo
Renesas Technology Corp
IDT72V3622 RENESAS-IDT72V3622 Datasheet
385Kb / 30P
3.3 VOLT CMOS SyncBiFIFOTM 256 x 36 x 2 512 x 36 x 2 1,024 x 36 x 2
FEBRUARY 2015
IDT723622 RENESAS-IDT723622 Datasheet
370Kb / 25P
CMOS SyncBiFIFOTM 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
FEBRUARY 2015
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com