Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG5409TCPZ-EP-RL7 Datasheet (PDF) - Analog Devices

ADG5409TCPZ-EP-RL7 Datasheet PDF - Analog Devices
Part # ADG5409TCPZ-EP-RL7
Download  ADG5409TCPZ-EP-RL7 Download
File Size   338.48 Kbytes
Page   18 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Voltage Latch-Up Proof, 4-/8-Channel Multiplexers

ADG5409TCPZ-EP-RL7 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADG5409TCPZ-EP-RL7 Datasheet PDF - Analog Devices

Part # ADG5409TCPZ-EP-RL7
Download  ADG5409TCPZ-EP-RL7 Click to download

File Size   338.48 Kbytes
Page   18 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Voltage Latch-Up Proof, 4-/8-Channel Multiplexers

ADG5409TCPZ-EP-RL7 Datasheet (HTML) - Analog Devices


ADG5409TCPZ-EP-RL7 Product details

FEATURES
Latch-up proof 8 kV human body model (HBM) ESD rating Low on resistance (13.5 Ω)
±9 V to ±22 V dual-supply operation
9 V to 40 V single-supply operation
Fully specified at ±15 V, ±20 V, +12 V, and +36 V VSS to VDD analog signal range

ENHANCED PRODUCT FEATURES
Supports defense and aerospace applications
(AQEC standard) Military temperature range: –55°C to +125°C Controlled manufacturing baseline One assembly/test site One fabrication site Enhanced product change notification Qualification data available on request

APPLICATIONS
Relay replacement
Automatic test equipment Data acquisition
Instrumentation
Avionics Communication systems




Similar Part No. - ADG5409TCPZ-EP-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG5409 AD-ADG5409 Datasheet
345Kb / 24P
High Voltage Latch-Up Proof, 4-/8-Channel Multiplexers
REV. 0
ADG5409 AD-ADG5409 Datasheet
384Kb / 24P
High Voltage Latch-Up Proof, 4-/8-Channel Multiplexers
REV. B
ADG5409 AD-ADG5409 Datasheet
135Kb / 4P
Devices Connected
Rev. A
ADG5409BCPZ-REEL7 AD-ADG5409BCPZ-REEL7 Datasheet
345Kb / 24P
High Voltage Latch-Up Proof, 4-/8-Channel Multiplexers
REV. 0
ADG5409BCPZ-REEL7 AD-ADG5409BCPZ-REEL7 Datasheet
384Kb / 24P
High Voltage Latch-Up Proof, 4-/8-Channel Multiplexers
REV. B
More results


Similar Description - ADG5409TCPZ-EP-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG5404 AD-ADG5404 Datasheet
332Kb / 20P
High Voltage, Latch-up Proof, 4-Channel Multiplexer
REV. 0
ADG5408 AD-ADG5408 Datasheet
345Kb / 24P
High Voltage Latch-Up Proof, 4-/8-Channel Multiplexers
REV. 0
ADG5208 AD-ADG5208 Datasheet
366Kb / 24P
High Voltage, Latch-Up Proof
REV. A
ADG5233 AD-ADG5233 Datasheet
360Kb / 24P
High Voltage Latch-Up Proof
REV. A
ADG5236 AD-ADG5236 Datasheet
400Kb / 20P
High Voltage Latch-Up Proof
REV. A
ADG5408 AD-ADG5408_12 Datasheet
384Kb / 24P
High Voltage Latch-Up Proof, 4-/8-Channel Multiplexers
REV. B
ADG5206BRUZ-RL7 AD-ADG5206BRUZ-RL7 Datasheet
427Kb / 28P
High Voltage, Latch-Up Proof, 8-/16-Channel Multiplexers
REV. A
ADG5206BRUZ-RL7 AD-ADG5206BRUZ-RL7 Datasheet
441Kb / 28P
High Voltage, Latch-Up Proof, 8-/16-Channel Multiplexers
REV. A
ADG5404BRUZ AD-ADG5404BRUZ Datasheet
481Kb / 20P
High Voltage, Latch-up Proof, 4-Channel Multiplexer
REV. A
ADG5298 AD-ADG5298 Datasheet
563Kb / 20P
High Temperature, High Voltage, Latch-Up Proof, 8-Channel Multiplexer
9/2016-Revision 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com