Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG5208 Datasheet (PDF) - Analog Devices

ADG5208 Datasheet PDF - Analog Devices
Part # ADG5208
Download  ADG5208 Download
File Size   366.71 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Voltage, Latch-Up Proof

ADG5208 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADG5208 Datasheet PDF - Analog Devices

Part # ADG5208
Download  ADG5208 Click to download

File Size   366.71 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Voltage, Latch-Up Proof

ADG5208 Datasheet (HTML) - Analog Devices


ADG5208 Product details

GENERAL DESCRIPTION
The ADG5208/ADG5209 are monolithic CMOS analog multiplexers comprising eight single channels and four differential channels, respectively. The ADG5208 switches one of eight inputs to a common output, as determined by the 3-bit binary address lines, A0, A1, and A2. The ADG5209 switches one of four differential inputs to a common differential output, as determined by the 2-bit binary address lines, A0 and A1.

FEATURES
   Latch-up proof
   2.9 pF off source capacitance
   34 pF off drain capacitance
   0.2 pC charge injection
   Low on resistance: 160 Ω typical
   ±9 V to ±22 V dual-supply operation
   9 V to 40 V single-supply operation
   48 V supply maximum ratings
   Fully specified at ±15 V, ±20 V, +12 V, and +36 V
   VSS to VDD analog signal range
   Human body model (HBM) ESD rating
      8 kV I/O port to supplies
      2 kV I/O port to I/O port
      8 kV all other pins

APPLICATIONS
   Automatic test equipment
   Data acquisition
   Instrumentation
   Avionics
   Audio and video switching
   Communication systems




Similar Part No. - ADG5208

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG5208 AD-ADG5208 Datasheet
1Mb / 12P
Devices Connected
Rev. 0
ADG5208-EP AD-ADG5208-EP Datasheet
420Kb / 20P
High Voltage, Latch-Up Proof, 4-/8-Channel Multiplexers
Rev. C
ADG5208F AD-ADG5208F Datasheet
635Kb / 27P
Fault Protection, ??.4 pC QINJ,8:1/Dual 4:1 Multiplexers
REV. 0
ADG5208F AD-ADG5208F Datasheet
544Kb / 27P
Fault Protection, ??.4 pC QINJ, 8:1/Dual 4:1 Multiplexers
Rev. A
ADG5208FBCPZ-RL7 AD-ADG5208FBCPZ-RL7 Datasheet
544Kb / 27P
Fault Protection, ??.4 pC QINJ, 8:1/Dual 4:1 Multiplexers
Rev. A
More results


Similar Description - ADG5208

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG5404 AD-ADG5404 Datasheet
332Kb / 20P
High Voltage, Latch-up Proof, 4-Channel Multiplexer
REV. 0
ADG5412 AD-ADG5412 Datasheet
314Kb / 20P
High Voltage Latch-Up Proof, Quad SPST Switches
REV. 0
ADG5436 AD-ADG5436 Datasheet
306Kb / 20P
High Voltage Latch-Up Proof, Dual SPDT Switches
REV. 0
ADG5233 AD-ADG5233 Datasheet
360Kb / 24P
High Voltage Latch-Up Proof
REV. A
ADG5236 AD-ADG5236 Datasheet
400Kb / 20P
High Voltage Latch-Up Proof
REV. A
ADG5412 AD-ADG5412_11 Datasheet
340Kb / 20P
High Voltage Latch-Up Proof, Quad SPST Switches
REV. A
ADG5436 AD-ADG5436_11 Datasheet
394Kb / 20P
High Voltage Latch-Up Proof, Dual SPDT Switches
REV. A
ADG5421 AD-ADG5421 Datasheet
386Kb / 20P
High Voltage Latch-Up Proof, Dual SPST Switches
REV. 0
ADG5404BRUZ AD-ADG5404BRUZ Datasheet
481Kb / 20P
High Voltage, Latch-up Proof, 4-Channel Multiplexer
REV. A
ADG5433W AD-ADG5433W Datasheet
385Kb / 20P
High Voltage, Latch-Up Proof, Triple SPDT Switches
Apr-2013
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com