Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG5208F Datasheet (PDF) - Analog Devices

ADG5208F Datasheet PDF - Analog Devices
Part # ADG5208F
Download  ADG5208F Download
File Size   635.58 Kbytes
Page   27 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Fault Protection, ??.4 pC QINJ,8:1/Dual 4:1 Multiplexers

ADG5208F Datasheet (PDF)

Go To PDF Page Download Datasheet
ADG5208F Datasheet PDF - Analog Devices

Part # ADG5208F
Download  ADG5208F Click to download

File Size   635.58 Kbytes
Page   27 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Fault Protection, ??.4 pC QINJ,8:1/Dual 4:1 Multiplexers

ADG5208F Datasheet (HTML) - Analog Devices


ADG5208F Product details

GENERAL DESCRIPTION
The ADG5208F and ADG5209F are 8:1 and dual 4:1 analog multiplexers. The ADG5208F switches one of eight inputs to a common output, and the ADG5209F switches one of four differential inputs to a common differential output. An EN input on both devices enables or disables the device. Each channel conducts equally well in both directions when on, and each channel has an input signal range that extends to the supplies. The digital inputs are compatible with 3 V logic inputs over the full operating supply range.

FEATURES
   Overvoltage protection up to −55 V and +55 V
   Power-off protection up to −55 V and +55 V
   Overvoltage detection on source pins
   Low charge injection (QINJ): −0.4 pC
   Low on capacitance
      ADG5208F: 20 pF
      ADG5209F: 14 pF
   Latch-up immune under any circumstance
   Known state without digital inputs present
   VSS to VDD analog signal range
      ±5 V to ±22 V dual-supply operation
      8 V to 44 V single-supply operation
      Fully specified at ±15 V, ±20 V, +12 V, and +36 V

APPLICATIONS
   Analog input/output modules
   Process control/distributed control systems
   Data acquisition
   Instrumentation
   Avionics
   Automatic test equipment
   Communication systems
   Relay replacement




Similar Part No. - ADG5208F

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG5208F AD-ADG5208F Datasheet
544Kb / 27P
Fault Protection, ??.4 pC QINJ, 8:1/Dual 4:1 Multiplexers
Rev. A
ADG5208FBCPZ-RL7 AD-ADG5208FBCPZ-RL7 Datasheet
544Kb / 27P
Fault Protection, ??.4 pC QINJ, 8:1/Dual 4:1 Multiplexers
Rev. A
ADG5208FBRUZ AD-ADG5208FBRUZ Datasheet
544Kb / 27P
Fault Protection, ??.4 pC QINJ, 8:1/Dual 4:1 Multiplexers
Rev. A
ADG5208FBRUZ-RL7 AD-ADG5208FBRUZ-RL7 Datasheet
544Kb / 27P
Fault Protection, ??.4 pC QINJ, 8:1/Dual 4:1 Multiplexers
Rev. A
ADG5208F AD-ADG5208F_V01 Datasheet
544Kb / 27P
Fault Protection, ??.4 pC QINJ, 8:1/Dual 4:1 Multiplexers
Rev. A
More results


Similar Description - ADG5208F

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4508 MAXIM-MAX4508 Datasheet
288Kb / 16P
Fault-Protected, High-Voltage Single 8-to-1/Dual 4-to-1 Multiplexers
Rev 0; 1/99
MAX4708 MAXIM-MAX4708 Datasheet
408Kb / 14P
Fault-Protected, Single 8-to-1/ Dual 4-to-1 Multiplexers
Rev 0; 9/02
MAX4508 MAXIM-MAX4508_07 Datasheet
333Kb / 18P
Fault-Protected, High-Voltage Single 8-to-1/ Dual 4-to-1 Multiplexers with Output Clamps
Rev 5; 10/07
MAX4534 MAXIM-MAX4534_05 Datasheet
585Kb / 14P
Fault-Protected, High-Voltage, Single 4-to-1/Dual 2-to-1 Multiplexers
Rev 2; 5/05
MAX4708 MAXIM-MAX4708_08 Datasheet
257Kb / 15P
Fault-Protected, Single 8-to-1/ Dual 4-to-1 Multiplexers
Rev 1; 12/08
logo
Aeroflex Circuit Techno...
UT54ACS153 AEROFLEX-UT54ACS153 Datasheet
245Kb / 10P
Dual 4 to 1 Multiplexers
UT54ACTS153E AEROFLEX-UT54ACTS153E Datasheet
150Kb / 8P
Dual 4 to 1 Multiplexers
logo
Analog Devices
ADG5248F AD-ADG5248F Datasheet
663Kb / 33P
User Defined Fault Protection and Detection, 0.8 pC QINJ, 8-1/Dual 4-1 Multiplexers
REV. 0
logo
Texas Instruments
TMUX7308F TI-TMUX7308F_V01 Datasheet
1Mb / 40P
TMUX730xF 짹60-V Fault-Protected, 8:1 and Dual 4:1 Multiplexers with 1.8-V Logic
OCTOBER 2021
logo
Analog Devices
ADG5208F AD-ADG5208F_V01 Datasheet
544Kb / 27P
Fault Protection, ??.4 pC QINJ, 8:1/Dual 4:1 Multiplexers
Rev. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com