Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4708 Datasheet (PDF) - Maxim Integrated Products

MAX4708 Datasheet PDF - Maxim Integrated Products
Part # MAX4708
Download  MAX4708 Download
File Size   408.12 Kbytes
Page   14 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Fault-Protected, Single 8-to-1/ Dual 4-to-1 Multiplexers

MAX4708 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX4708 Datasheet PDF - Maxim Integrated Products

Part # MAX4708
Download  MAX4708 Click to download

File Size   408.12 Kbytes
Page   14 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Fault-Protected, Single 8-to-1/ Dual 4-to-1 Multiplexers

MAX4708 Datasheet (HTML) - Maxim Integrated Products


MAX4708 Product details

General Description
The MAX4708/MAX4709 8-to-1 and dual 4-to-1 fault-protected multiplexers are pin compatible with the industrystandard DG508/DG509. The MAX4708/MAX4709 are similar to the MAX4508/MAX4509, but these devices do not have clamp diodes to the supply rails on the switch outputs. These multiplexers feature fault-protected inputs, rail-to-rail signal-handling capability, and do not require power-supply sequencing.

Features
♦ No Power-Supply Sequencing Required
♦ All Channels Off with Power Off
♦ Rail-to-Rail Signal Handling
♦ 400Ω (max) On-Resistance
♦ ±40V Fault Protection with Power Off
♦ ±25V Fault Protection with ±15V Supplies
♦ 100ns Fault-Response Time
♦ ±4.5V to ±20V Dual Supplies
♦ +9V to +36V Single Supply
♦ TTL/CMOS-Compatible Logic Inputs

Applications
   Data-Acquisition Systems
   Industrial and Process Control
   Avionics
   Signal Routing
   Redundancy/Backup Systems
   ATE Systems
   Hot Swap




Similar Part No. - MAX4708

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4708 MAXIM-MAX4708 Datasheet
257Kb / 15P
Fault-Protected, Single 8-to-1/ Dual 4-to-1 Multiplexers
Rev 1; 12/08
MAX4708EPE MAXIM-MAX4708EPE Datasheet
257Kb / 15P
Fault-Protected, Single 8-to-1/ Dual 4-to-1 Multiplexers
Rev 1; 12/08
MAX4708ESE MAXIM-MAX4708ESE Datasheet
257Kb / 15P
Fault-Protected, Single 8-to-1/ Dual 4-to-1 Multiplexers
Rev 1; 12/08
MAX4708EWE MAXIM-MAX4708EWE Datasheet
257Kb / 15P
Fault-Protected, Single 8-to-1/ Dual 4-to-1 Multiplexers
Rev 1; 12/08
MAX4708 MAXIM-MAX4708_08 Datasheet
257Kb / 15P
Fault-Protected, Single 8-to-1/ Dual 4-to-1 Multiplexers
Rev 1; 12/08
More results


Similar Description - MAX4708

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4508 MAXIM-MAX4508 Datasheet
288Kb / 16P
Fault-Protected, High-Voltage Single 8-to-1/Dual 4-to-1 Multiplexers
Rev 0; 1/99
MAX4534 MAXIM-MAX4534 Datasheet
193Kb / 16P
Fault-Protected, High-Voltage, Single 4-to-1/Dual 2-to-1 Multiplexers
Rev 0; 1/00
MAX4539 MAXIM-MAX4539 Datasheet
247Kb / 20P
Low-Voltage, Single 8-to-1 and Dual 4-to-1 Cal-Multiplexers
Rev 1; 6/99
MAX4578 MAXIM-MAX4578 Datasheet
177Kb / 20P
High-Voltage, Single 8-to-1/ Dual 4-to-1 Cal-Multiplexers
Rev 0; 10/98
MAX4508 MAXIM-MAX4508_07 Datasheet
333Kb / 18P
Fault-Protected, High-Voltage Single 8-to-1/ Dual 4-to-1 Multiplexers with Output Clamps
Rev 5; 10/07
MAX4534 MAXIM-MAX4534_05 Datasheet
585Kb / 14P
Fault-Protected, High-Voltage, Single 4-to-1/Dual 2-to-1 Multiplexers
Rev 2; 5/05
MAX4708 MAXIM-MAX4708_08 Datasheet
257Kb / 15P
Fault-Protected, Single 8-to-1/ Dual 4-to-1 Multiplexers
Rev 1; 12/08
logo
Analog Devices
ADG5208F AD-ADG5208F Datasheet
635Kb / 27P
Fault Protection, ??.4 pC QINJ,8:1/Dual 4:1 Multiplexers
REV. 0
logo
Aeroflex Circuit Techno...
UT54ACTS153E AEROFLEX-UT54ACTS153E Datasheet
150Kb / 8P
Dual 4 to 1 Multiplexers
logo
Analog Devices
ADG5208F AD-ADG5208F_V01 Datasheet
544Kb / 27P
Fault Protection, ??.4 pC QINJ, 8:1/Dual 4:1 Multiplexers
Rev. A
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com