Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2918791 Datasheet (PDF) - Labfacility Ltd

2918791 Datasheet PDF - Labfacility Ltd
Part # 2918791
Download  2918791 Download
File Size   736.67 Kbytes
Page   3 Pages
Manufacturer  LABFACILITY [Labfacility Ltd]
Direct Link  https://www.labfacility.com/
Logo LABFACILITY - Labfacility Ltd
Description Stainless Steel Compression Fittings – Metric (M Series) Thread

2918791 Datasheet (PDF)

Go To PDF Page Download Datasheet
2918791 Datasheet PDF - Labfacility Ltd

Part # 2918791
Download  2918791 Click to download

File Size   736.67 Kbytes
Page   3 Pages
Manufacturer  LABFACILITY [Labfacility Ltd]
Direct Link  https://www.labfacility.com/
Logo LABFACILITY - Labfacility Ltd
Description Stainless Steel Compression Fittings – Metric (M Series) Thread

2918791 Datasheet (HTML) - Labfacility Ltd


2918791 Product details

General Description
Male stainless steel compression type with nut & olive




Similar Part No. - 2918791

ManufacturerPart #DatasheetDescription
logo
Labfacility Ltd
2918707 LABFACILITY-2918707 Datasheet
725Kb / 4P
IEC Type J PTFE Insulated Twin Twisted Pair Thermocouple Cable / Wire
Nov-23
2918774 LABFACILITY-2918774 Datasheet
720Kb / 3P
Stainless Steel Compression Fittings – Tapered Thread (BSPT)
Mar-24
2918775 LABFACILITY-2918775 Datasheet
720Kb / 3P
Stainless Steel Compression Fittings – Tapered Thread (BSPT)
Mar-24
2918782 LABFACILITY-2918782 Datasheet
720Kb / 3P
Stainless Steel Compression Fittings – Tapered Thread (BSPT)
Mar-24
2918783 LABFACILITY-2918783 Datasheet
720Kb / 3P
Stainless Steel Compression Fittings – Tapered Thread (BSPT)
Mar-24
More results


Similar Description - 2918791

ManufacturerPart #DatasheetDescription
logo
Ralston Instruments.
QTHA-MFB0-2015 RALSTON-QTHA-MFB0-2015 Datasheet
667Kb / 1P
Connect to male Metric straight thread fittings
logo
Wurth Elektronik GmbH &...
970XXXXX1 WURTH-970XXXXX1 Datasheet
68Kb / 2P
AsSSTII Steel Spacer Stud with Metric Thread, internal/internal
971XX0XX1 WURTH-971XX0XX1 Datasheet
74Kb / 2P
AsSSTIE Steel Spacer Stud Metric Thread int./ext.
logo
Ralston Instruments.
QTHA-MFB0-2015 RALSTON-QTHA-MFB0-2015_19 Datasheet
630Kb / 1P
Connect to male Metric straight thread fittings
logo
SparkFun Electronics
DEV-10867 SPARKFUN-DEV-10867 Datasheet
103Kb / 1P
Conductive Thread Bobbin - 30ft (Stainless Steel)
8/4/2016
DEV-11791 SPARKFUN-DEV-11791 Datasheet
88Kb / 1P
Conductive Thread - 60g (Stainless Steel)
9??2??7
DEV-13814 SPARKFUN-DEV-13814 Datasheet
107Kb / 1P
Smooth Thread Bobbin - 12m (Stainless Steel)
4/12/2016
logo
List of Unclassifed Man...
C02250605 ETC1-C02250605 Datasheet
1Mb / 27P
PUSH-IN fittings, metric
2015
logo
Norgren Ltd
C0125 NORGREN-C0125 Datasheet
1Mb / 27P
PUSH-IN fittings, metric
M0020 NORGREN-M0020 Datasheet
1Mb / 4P
Pneufit® M PUSH-IN fittings, metric
1/19
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com