Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RUSB2CC1MB Datasheet (PDF) - StarTech.com Ltd.

RUSB2CC1MB Datasheet PDF - StarTech.com Ltd.
Part # RUSB2CC1MB
Download  RUSB2CC1MB Download
File Size   69.37 Kbytes
Page   3 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description 1m USB C Charging Cable - Durable Fast Charge & Sync USB 2.0 Type C to USB C Laptop Charger Cord - TPE Jacket Aramid Fiber M/M 60W Black - Samsung S10 S20 iPad Pro MS Surface

RUSB2CC1MB Datasheet (PDF)

Go To PDF Page Download Datasheet
RUSB2CC1MB Datasheet PDF - StarTech.com Ltd.

Part # RUSB2CC1MB
Download  RUSB2CC1MB Click to download

File Size   69.37 Kbytes
Page   3 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description 1m USB C Charging Cable - Durable Fast Charge & Sync USB 2.0 Type C to USB C Laptop Charger Cord - TPE Jacket Aramid Fiber M/M 60W Black - Samsung S10 S20 iPad Pro MS Surface

RUSB2CC1MB Datasheet (HTML) - StarTech.com Ltd.


RUSB2CC1MB Product details

Applications
• Charge and sync your USB Type C mobile devices

Features
• DURABLE: USB C charging cable w/Kevlar aramid fiber for high tensile (pull) strength increasing reliability & life of
cable. Tested to withstand 10000+ bend cycles at 180 angle & 5000+ insertions
• FLEXIBLE CABLE: TPE jacket absorbs stress of frequent bends protecting the core of the rugged USB C to USB C
cord. TPE is non-toxic, halogen free & RoHS certified for environmental sustainability
• USB-C COMPATIBILITY: Charge and sync data on your USB C devices including iPad Pro, Samsung Galaxy S8,
S8+, S9, S10, S20, One Plus, Google Pixel 3a, 3, 4 series, Nexus 6P and USB 3.1 Type C laptops/tablets
• SUPPORTS FAST CHARGE: Works with USB Type C devices & chargers at 5V, 9V, 12V, 15V, 20V and can
charge a Thunderbolt 3 or USB-C enabled laptop incl MacBook Pro, HP, Dell, Surface
• CABLE SPECS: Length: 1m (3ft) Color: Black Connectors: USB-C to USB-C Male/Male Performance: USB 2.0
Reinforcement: Aramid Fiber Power: 3A/60W Jacket Type: TPE Shielding: EMI Protection




Similar Part No. - RUSB2CC1MB

ManufacturerPart #DatasheetDescription
logo
StarTech.com Ltd.
RUSB2CC1MW STARTECH-RUSB2CC1MW Datasheet
74Kb / 3P
1m USB C Charging Cable - Durable Fast Charge & Sync USB 2.0 Type C to USB C Laptop Charger Cord - TPE Jacket Aramid Fiber M/M 60W White - Samsung S10 S20 iPad Pro MS Surface
More results


Similar Description - RUSB2CC1MB

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U040-003-C-5A TRIPPLITE-U040-003-C-5A Datasheet
166Kb / 3P
USB 2.0 Cable with 5A Rating, USB-C to USB-C (M/M), 3 ft.
U040-006-C TRIPPLITE-U040-006-C Datasheet
157Kb / 3P
USB 2.0 Cable, USB Type-C (USB-C) to USB Type-C M/M, 6-ft. Length
U040-006-C-5A TRIPPLITE-U040-006-C-5A Datasheet
166Kb / 3P
USB 2.0 Cable with 5A Rating, USB-C to USB-C (M/M), 6 ft.
M102-003-WH TRIPPLITE-M102-003-WH Datasheet
161Kb / 3P
USB-C Sync / Charge Cable with Lightning Connector - M/M, USB 2.0, White, 3 ft. (0.9 m)
U040-01M-C-RA TRIPPLITE-U040-01M-C-RA Datasheet
162Kb / 3P
USB-C Cable (M/M) - USB 2.0, Thunderbolt 3, 60W PD Charging, Right-Angle Plug, Black, 1 m (3.3 ft.)
U040-003-C TRIPPLITE-U040-003-C Datasheet
180Kb / 3P
USB-C Cable (M/M) - USB 2.0, Thunderbolt 3, 60W PD Charging, Black, 3 ft. (0.9 m)
logo
IOGEAR
G2LU3CAM01-WT IOGEAR-G2LU3CAM01-WT Datasheet
151Kb / 3P
Charge & Sync Flip??Pro - USB-C??to Reversible USBA Cable
G2LU3CCM01 IOGEAR-G2LU3CCM01 Datasheet
146Kb / 3P
Charge & Sync USB-C to USB-C Cable, 3.3ft (1m)
G2LU3CCM02 IOGEAR-G2LU3CCM02 Datasheet
146Kb / 3P
Charge & Sync USB-C to USB-C Cable, 6.5ft (2m)
logo
List of Unclassifed Man...
USBA2C1MOUSBC ETC-USBA2C1MOUSBC Datasheet
165Kb / 1P
DETACHABLE USB CORD, USB A TO USB C TYPE 2.0
11/18/18
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com