Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RUSB2CC1MB Datasheet(PDF) 2 Page - StarTech.com Ltd.

Part # RUSB2CC1MB
Description  1m USB C Charging Cable - Durable Fast Charge & Sync USB 2.0 Type C to USB C Laptop Charger Cord - TPE Jacket Aramid Fiber M/M 60W Black - Samsung S10 S20 iPad Pro MS Surface
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

RUSB2CC1MB Datasheet(HTML) 2 Page - StarTech.com Ltd.

  RUSB2CC1MB Datasheet HTML 1Page - StarTech.com Ltd. RUSB2CC1MB Datasheet HTML 2Page - StarTech.com Ltd. RUSB2CC1MB Datasheet HTML 3Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Note: DuPont and Kevlar are trademarks or registered trademarks of E.I. du Pont de Nemours and Company.
Certifications, Reports and Compatibility
Applications
• Charge and sync your USB Type C mobile devices
Features
• DURABLE: USB C charging cable w/Kevlar aramid fiber for high tensile (pull) strength increasing reliability & life of
cable. Tested to withstand 10000+ bend cycles at 180 angle & 5000+ insertions
• FLEXIBLE CABLE: TPE jacket absorbs stress of frequent bends protecting the core of the rugged USB C to USB C
cord. TPE is non-toxic, halogen free & RoHS certified for environmental sustainability
• USB-C COMPATIBILITY: Charge and sync data on your USB C devices including iPad Pro, Samsung Galaxy S8,
S8+, S9, S10, S20, One Plus, Google Pixel 3a, 3, 4 series, Nexus 6P and USB 3.1 Type C laptops/tablets
• SUPPORTS FAST CHARGE: Works with USB Type C devices & chargers at 5V, 9V, 12V, 15V, 20V and can
charge a Thunderbolt 3 or USB-C enabled laptop incl MacBook Pro, HP, Dell, Surface
• CABLE SPECS: Length: 1m (3ft) Color: Black Connectors: USB-C to USB-C Male/Male Performance: USB 2.0
Reinforcement: Aramid Fiber Power: 3A/60W Jacket Type: TPE Shielding: EMI Protection
Hardware
Warranty
Lifetime
Connector Plating
Nickel
Cable Jacket Material
TPE - Thermoplastic Elastomers
Cable Shield Material
Aluminum-Mylar Foil with Braid
Performance
Type and Rate
USB 2.0 - 480 Mbit/s
Connector(s)
Connector A
USB Type-C (24-pin) USB 2.0 (480Mbps)
Connector B
USB Type-C (24-pin) USB 2.0 (480Mbps)
Power
Power Delivery
60W



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com