Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SATA12 Datasheet (PDF) - StarTech.com Ltd.

SATA12 Datasheet PDF - StarTech.com Ltd.
Part # SATA12
Download  SATA12 Download
File Size   77.06 Kbytes
Page   3 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description 12in SATA Serial ATA Cable

SATA12 Datasheet (PDF)

Go To PDF Page Download Datasheet
SATA12 Datasheet PDF - StarTech.com Ltd.

Part # SATA12
Download  SATA12 Click to download

File Size   77.06 Kbytes
Page   3 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description 12in SATA Serial ATA Cable

SATA12 Datasheet (HTML) - StarTech.com Ltd.


SATA12 Product details

Applications
• Installing Serial ATA hard drives, and DVD drives in Small Form Factor computer cases
• Server and storage subsystem applications
• High-end workstation drive installations
• Connections to SATA Drive Arrays

Features
• Supports full SATA 3.0 6Gbps bandwidth
• Compatible with both 3.5" and 2.5" SATA hard drives
• Provides 12" in cable length




Similar Part No. - SATA12

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
SATA-A-PL-SMT-K ADAM-TECH-SATA-A-PL-SMT-K Datasheet
121Kb / 1P
SERIAL ATA CONNECTOR
SATA-A-PL-VT-K ADAM-TECH-SATA-A-PL-VT-K Datasheet
89Kb / 1P
SERIAL ATA CONNECTOR
SATA-A-PL-VT-K-X ADAM-TECH-SATA-A-PL-VT-K-X Datasheet
96Kb / 1P
SERIAL ATA CONNECTOR
SATA-A4-PM-VT-SMT ADAM-TECH-SATA-A4-PM-VT-SMT Datasheet
100Kb / 1P
SATA CONNECTOR
SATA-A5-PR-SMT ADAM-TECH-SATA-A5-PR-SMT Datasheet
83Kb / 1P
SATA CONNECTOR
More results


Similar Description - SATA12

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
SATAAPLSMT ADAM-TECH-SATAAPLSMT Datasheet
129Kb / 1P
SATA CONNECTORS SERIAL ATA
logo
Assmann Electronics Inc...
AK-SATA-015-R ASSMANN-AK-SATA-015-R Datasheet
62Kb / 1P
Serial ATA (SATA) Connection Cable - 0.15 Meter
AK-SATA-030-R ASSMANN-AK-SATA-030-R Datasheet
77Kb / 1P
Serial ATA (SATA) Connection
AK-SATA-075-R ASSMANN-AK-SATA-075-R Datasheet
77Kb / 1P
Serial ATA (SATA) Connection
AK-SATA-100-R ASSMANN-AK-SATA-100-R Datasheet
77Kb / 1P
Serial ATA (SATA) Connection
AK-SATA-SP-050 ASSMANN-AK-SATA-SP-050 Datasheet
84Kb / 1P
Serial ATA (SATA) to Power Supply Connection Cable
AK-SATA-SP-075-R ASSMANN-AK-SATA-SP-075-R Datasheet
84Kb / 1P
Serial ATA (SATA) to Power Supply
AK-SATA-SP-100-R ASSMANN-AK-SATA-SP-100-R Datasheet
84Kb / 1P
Serial ATA (SATA) to Power Supply
logo
Adam Technologies, Inc.
SATA-D-PL-SMT-S ADAM-TECH-SATA-D-PL-SMT-S Datasheet
95Kb / 1P
SATA CONNECTORS SERIAL ATA
logo
Tripp Lite. All Rights ...
P940-08I TRIPPLITE-P940-08I Datasheet
158Kb / 2P
Serial ATA (SATA) Latching Signal Cable (7Pin/7Pin), 8-in.
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com