Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SATA12 Datasheet(PDF) 2 Page - StarTech.com Ltd.

Part # SATA12
Description  12in SATA Serial ATA Cable
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

SATA12 Datasheet(HTML) 2 Page - StarTech.com Ltd.

  SATA12 Datasheet HTML 1Page - StarTech.com Ltd. SATA12 Datasheet HTML 2Page - StarTech.com Ltd. SATA12 Datasheet HTML 3Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
• Supports full SATA 3.0 6Gbps bandwidth
• Compatible with both 3.5" and 2.5" SATA hard drives
• Provides 12" in cable length
Hardware
Warranty
Lifetime
Number of Conductors
7
Cable Jacket Material
PVC - Polyvinyl Chloride
Performance
Type and Rate
SATA III (6 Gbps)
Connector(s)
Connector A
1 - SATA (7 pin, Data)
Connector B
1 - SATA (7 pin, Data)
Physical
Characteristics
Color
Red
Connector Style
Non Latching
Wire Gauge
26 AWG (0.404 mm)
Cable Length
12.0 in [304.8 mm]
Product Length
12.0 in [30.5 cm]
Product Width
0.6 in [1.4 cm]
Product Height
0.2 in [6.0 mm]
Weight of Product
0.4 oz [12.0 g]
Packaging
Information
Package Quantity
1
Package Length
4.9 in [12.5 cm]
Package Width
3.5 in [9.0 cm]
Package Height
0.7 in [1.7 cm]



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com