Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM005 Datasheet (PDF) - LM Technologies Ltd

LM005 Datasheet PDF - LM Technologies Ltd
Part # LM005
Download  LM005 Download
File Size   3539.36 Kbytes
Page   4 Pages
Manufacturer  LMTECHNOLOGIES [LM Technologies Ltd]
Direct Link  https://www.lm-technologies.com/
Logo LMTECHNOLOGIES - LM Technologies Ltd
Description LM005 WiFi 802.11 b/g/n Adapter 300Mbps

LM005 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM005 Datasheet PDF - LM Technologies Ltd

Part # LM005
Download  LM005 Click to download

File Size   3539.36 Kbytes
Page   4 Pages
Manufacturer  LMTECHNOLOGIES [LM Technologies Ltd]
Direct Link  https://www.lm-technologies.com/
Logo LMTECHNOLOGIES - LM Technologies Ltd
Description LM005 WiFi 802.11 b/g/n Adapter 300Mbps

LM005 Datasheet (HTML) - LM Technologies Ltd


LM005 Product details

Features
WiFi 802.11 b/g/n
Operates in 2.4 GHz Frequency bands
Plug and Play (Linux, MAC OSX and Windows XP – 10 compatible)
Up to 300Mbps Data Transfer Rate
2x2 MIMO technology improves data throughput and range over
existing 802.11 b/g products
WPS button (Wi-Fi Protected Setup) for easy and secure
establishment in a wireless network.
802.11e-compatible bursting and I standards.
Fully-featured software utility for easy configuration and management
BPSK, QPSK, 16 QAM, 64 QAM, DBPSK, DQPSK, and CCK
modulation schemes.
WEP, TKIP, and AES, WPA, WPA2 hardware
encryption schemes.
Supports infrastructure networks through an access point
and ad-hoc network via peer to peer connections
Up to 180m range in open space
FCC and CE/ R&TTE certified solution
RoHS, REACH and WEEE compliant




Similar Part No. - LM005

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
LM0010-6L LEIDITECH-LM0010-6L Datasheet
840Kb / 3P
N-Channel Enhancement Mode MOSFET
logo
Bel Fuse Inc.
LM00200 BEL-LM00200 Datasheet
84Kb / 4P
VOICE OVER IP MAGNETICS Broadband Transformers
logo
LM Technologies Ltd
LM007 LMTECHNOLOGIES-LM007 Datasheet
3Mb / 5P
LM007 WiFi 802.11 b/g/n Adapter
11/JAN/2018
LM007-1051 LMTECHNOLOGIES-LM007-1051 Datasheet
3Mb / 5P
LM007 WiFi 802.11 b/g/n Adapter
11/JAN/2018
More results


Similar Description - LM005

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
EWM-W145H ADVANTECH-EWM-W145H Datasheet
698Kb / 1P
802.11 b/g/n Mini PCIe Card
EWM-W142 ADVANTECH-EWM-W142 Datasheet
822Kb / 1P
802.11 b/g/n Mini PCIe Card
EWM-W149P ADVANTECH-EWM-W149P Datasheet
305Kb / 1P
802.11 a/b/g/n USB 4-Pin WiFi Module Card
logo
ATMEL Corporation
WINC1000-MR110PA ATMEL-WINC1000-MR110PA_14 Datasheet
1Mb / 25P
IEEE 802.11 b/g/n IoT Module
logo
Advantech Co., Ltd.
EWM-W162M2 ADVANTECH-EWM-W162M2 Datasheet
295Kb / 1P
802.11 ac/a/b/g/n
EWM-W163M2 ADVANTECH-EWM-W163M2 Datasheet
275Kb / 1P
802.11 ac/a/b/g/n
EWM-W167M2 ADVANTECH-EWM-W167M2 Datasheet
349Kb / 1P
802.11 b/g/n
EWM-W168H ADVANTECH-EWM-W168H Datasheet
343Kb / 1P
802.11 a/b/g/n/ac
logo
ESPRESSIF SYSTEMS (SHAN...
ESP32-S3-WROOM-1 ESPRESSIF-ESP32-S3-WROOM-1 Datasheet
884Kb / 34P
2.4 GHz WiFi (802.11 b/g/n) and Bluetooth® 5 (LE) module
logo
Advantech Co., Ltd.
UTC-300P-W12E ADVANTECH-UTC-300P-W12E Datasheet
226Kb / 1P
WiFi 802.11 ac/a/b/g/n 2T2R w/Bluetooth 4.2, M.2, Antennas
18-Sep-2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com