Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM005 Datasheet(PDF) 2 Page - LM Technologies Ltd

Part # LM005
Description  LM005 WiFi 802.11 b/g/n Adapter 300Mbps
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LMTECHNOLOGIES [LM Technologies Ltd]
Direct Link  https://www.lm-technologies.com/
Logo LMTECHNOLOGIES - LM Technologies Ltd

LM005 Datasheet(HTML) 2 Page - LM Technologies Ltd

  LM005 Datasheet HTML 1Page - LM Technologies Ltd LM005 Datasheet HTML 2Page - LM Technologies Ltd LM005 Datasheet HTML 3Page - LM Technologies Ltd LM005 Datasheet HTML 4Page - LM Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
LM005 WiFi 802.11 b/g/n Adapter 300Mbps
Host Controller Interface (HCI) via USB Interface
Part No
Product
See Last Page
LM005
LM005
Page 2 of 4
+44(0) 207 428 2647 | sales@lm-technologies.com
General Specification
Wireless
Wireless Standard
Module Type
OS Compatibility
Security
Network Architecture
802.11 b/g/n
Host Controller Interface (HCI)
Linux, MAC OSX and Windows XP – 10
64 bit/ 128 bit WEP, TKIP, AES, WPA, WPA2
WPS button for easy and secure establishment of a wireless network
Ad hoc mode and Infrastructure mode
Hardware
Chipset
Antenna
Interfaces
Realtek
Onboard Chip Antenna
USB 2.0 (Full Speed)
RF Characteristics
Tx Output Power
Rx Sensitivity
Range (in open space)
Current Consumption
Data Transfer Rate
Frequency
Modulation Scheme
Spread Spectrum
(+/- 2dBm): 14dBm@11n, 17dBm@11b, 14dBm@11g
11Mbps -80dBm@8%,54Mbps -70dBm@10%,130Mbps -64dBm@10%
Up to 180m
Transmit: average 305 mA
Receive: average 190 mA
1,2,5.5,6,11,12,18,22,24,30,36,48,54,60,90,120,180,240,270 and maximum of 300 Mbps
2.4GHz ISM Band
BPSK/ QPSK/ 16-QAM/ 64-QAM
IEEE 802.11b: DSSS (Direct Sequence Spread Spectrum)
IEEE 802.11g/n: OFDM (Orthogonal Frequency Division Multiplexing)
0°C to +50°C ambient temperature
-10°C to +70°C ambient temperature
5% to 90% maximum (non-condensing)
52.3mm x 24.4mm x 9.8mm
10.2g
FCC and CE/ R&TTE certified solution
RoHS, REACH and WEEE
Physical Characteristics
Operating Temperature
Storage Temperature
Humidity
Dimensions (L x W x H)
Weight
Certifications
Compliance



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com