Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM822 Datasheet (PDF) - LM Technologies Ltd

LM822 Datasheet PDF - LM Technologies Ltd
Part # LM822
Download  LM822 Download
File Size   8102.42 Kbytes
Page   11 Pages
Manufacturer  LMTECHNOLOGIES [LM Technologies Ltd]
Direct Link  https://www.lm-technologies.com/
Logo LMTECHNOLOGIES - LM Technologies Ltd
Description LM822 WiFi 802.11 b/g/n Module with IC Antenna

LM822 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM822 Datasheet PDF - LM Technologies Ltd

Part # LM822
Download  LM822 Click to download

File Size   8102.42 Kbytes
Page   11 Pages
Manufacturer  LMTECHNOLOGIES [LM Technologies Ltd]
Direct Link  https://www.lm-technologies.com/
Logo LMTECHNOLOGIES - LM Technologies Ltd
Description LM822 WiFi 802.11 b/g/n Module with IC Antenna

LM822 Datasheet (HTML) - LM Technologies Ltd


LM822 Product details

Features
WiFi 802.11 b/g/n
Operates in 2.4 GHz Frequency bands
Onboard Chip Antenna
Plug and Play (Linux, macOS X, Windows XP – 10, Windows 10 IoT Core
and Windows Compact Embedded 6/7 compatible)
Up to 150Mbps Data Transfer Rate
802.11e-compatible bursting and I standards
BPSK, QPSK, 16 QAM and 64 QAM modulation schemes
WEP, TKIP, and AES, WPA and WPA2 encryption schemes
Fully-featured software utility for easy configuration and management
RoHS, REACH and WEEE compliant
See our website for this products certifications.
DC power input 3.3V or 5V
WPS or PDN control function on half-hole pin 6
Support LED function when choose WPS option
Optional Features




Similar Part No. - LM822

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM82 NSC-LM82 Datasheet
341Kb / 17P
Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
LM82 NSC-LM82 Datasheet
358Kb / 17P
Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
logo
Texas Instruments
LM82 TI-LM82 Datasheet
713Kb / 25P
Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
LM82 TI2-LM82 Datasheet
1Mb / 26P
LM82 Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
REVISED MARCH 2013
logo
Shanghai Leiditech Elec...
LM8205D LEIDITECH-LM8205D Datasheet
853Kb / 4P
Dual N-Channel 20V,SOT-26 M0SFET
More results


Similar Description - LM822

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
EWM-W149P ADVANTECH-EWM-W149P Datasheet
305Kb / 1P
802.11 a/b/g/n USB 4-Pin WiFi Module Card
logo
ATMEL Corporation
WINC1000-MR110PA ATMEL-WINC1000-MR110PA_14 Datasheet
1Mb / 25P
IEEE 802.11 b/g/n IoT Module
WINC1500-MR210PA ATMEL-WINC1500-MR210PA_14 Datasheet
1Mb / 24P
IEEE 802.11 b/g/n IoT Module
logo
World Produts Inc.
WPANT10017-SA WPI-WPANT10017-SA Datasheet
313Kb / 5P
802.11 a/b/g/n Dual-band Wi-Fi Antenna
WPANT10017 WPI-WPANT10017 Datasheet
195Kb / 3P
802.11 a/b/g/n Dual-band Wi-Fi Antenna
logo
Microchip Technology
ATWILC1000-MR110XB MICROCHIP-ATWILC1000-MR110XB Datasheet
2Mb / 60P
IEEE 802.11 b/g/n Link Controller Module
2017
logo
Advantech Co., Ltd.
EWM-W167M2 ADVANTECH-EWM-W167M2 Datasheet
349Kb / 1P
802.11 b/g/n
logo
Laird Tech Smart Techno...
450-0118C LSTD-450-0118C Datasheet
1Mb / 35P
Integrated 802.11 b/g/n WLAN Module
logo
ESPRESSIF SYSTEMS (SHAN...
ESP32-S3-WROOM-1 ESPRESSIF-ESP32-S3-WROOM-1 Datasheet
884Kb / 34P
2.4 GHz WiFi (802.11 b/g/n) and Bluetooth® 5 (LE) module
logo
Silicon Laboratories
WF111 SILABS-WF111 Datasheet
1Mb / 34P
WF111 Data Sheet: 802.11 B/G/N Module
Rev. 1.5
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com