Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5715 Datasheet (PDF) - Analog Devices

ADRF5715 Datasheet PDF - Analog Devices
Part # ADRF5715
Download  ADRF5715 Download
File Size   969.75 Kbytes
Page   14 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Silicon Digital Attenuator, 1-Bit, 1 MHz to 30 GHz

ADRF5715 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADRF5715 Datasheet PDF - Analog Devices

Part # ADRF5715
Download  ADRF5715 Click to download

File Size   969.75 Kbytes
Page   14 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Silicon Digital Attenuator, 1-Bit, 1 MHz to 30 GHz

ADRF5715 Datasheet (HTML) - Analog Devices


ADRF5715 Product details

FEATURES
► Ultrawideband frequency range: 1 MHz to 30 GHz
► Attenuation range: 16 dB typical
► Low insertion loss
► 0.6 dB at 8 GHz
► 0.8 dB at 18 GHz
► 1.15 dB at 30 GHz
► Attenuation accuracy
► ±0.15 dB typical up to 18 GHz
► ±0.20 dB typical 18 GHz up to 30 GHz
► High input linearity
► P0.1dB insertion loss state: 33 dBm typical
► P0.1dB 16 dB attenuation state: 30 dBm typical
► IP3 insertion loss state: 51 dBm typical
► IP3 16 dB attenuation state: 49 dBm typical
► High RF power handling
► Input at ATTIN and ATTOUT
► 30 dBm typical steady state average
► ► 33 dBm typical steady state peak
► RF amplitude settling time (0.1 dB of final RFOUT): 6.5 μs typical
► Single-supply operation supported
► Tight in relative phase
► No low frequency spurious signals
► CMOS-/LVTTL-compatible
► 12-terminal, 2.25 mm x 2.25 mm, land grid array [LGA] package

APPLICATIONS
► Industrial scanners
► Test and instrumentation
► Cellular infrastructure: 5G millimeter wave
► Military radios, radars, and electronic counter measures (ECMs)
► Microwave radios and very small aperture terminals (VSATs)




Similar Part No. - ADRF5715

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRF5715-EVALZ AD-ADRF5715-EVALZ Datasheet
846Kb / 7P
Evaluation of the ADRF5715 Silicon Digital Attenuator, 1-Bit, 1 MHz to 30 GHz
Rev. 0
More results


Similar Description - ADRF5715

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT-266 MACOM-AT-266_1 Datasheet
218Kb / 3P
Digital Attenuator, 1-Bit, 10dB Step, DC-2.0 GHz
AT-267 MACOM-AT-267_1 Datasheet
219Kb / 3P
Digital Attenuator, 1-Bit, 15dB, DC-2.0 GHz
logo
Skyworks Solutions Inc.
SKY12325-350LF SKYWORKS-SKY12325-350LF Datasheet
509Kb / 4P
3-Bit Digital Attenuator 500 MHz-6 GHz, 1 dB LSB
logo
HBH Microwave GmbH
HT1001 HBH-HT1001 Datasheet
17Kb / 1P
1 - 1000 MHz 5-BIT Digital Attenuator
HT1001_SMD HBH-HT1001_SMD Datasheet
18Kb / 1P
1 - 1000 MHz 5-BIT Digital Attenuator
logo
M/A-COM Technology Solu...
AT-267 MA-COM-AT-267 Datasheet
81Kb / 3P
Digital Attenuator, 1-Bit, 15 dB DC - 2.0 GHz
logo
Peregrine Semiconductor
PE4314 PSEMI-PE4314 Datasheet
1Mb / 27P
UltraCMOS RF Digital Step Attenuator, 1 MHz??.5 GHz
PE4312MLBA-Z PSEMI-PE4312MLBA-Z Datasheet
730Kb / 13P
UltraCMOS짰 RF Digital Step Attenuator 6-bit, 31.5 dB, 1 MHz?? GHz
logo
Analog Devices
HMC470A AD-HMC470A Datasheet
373Kb / 11P
0.1 GHz to 3 GHz,1 dB LSB, 5-Bit, GaAs Digital Attenuator
9/2017-Rev. 01.0716 to Rev. A
logo
Peregrine Semiconductor
PE4314 PSEMI-PE4314_V01 Datasheet
727Kb / 27P
UltraCMOS짰 RF Digital Step Attenuator, 1 MHz??.5 GHz
(02/2017)
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com