Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT1001_SMD Datasheet (PDF) - HBH Microwave GmbH

HT1001_SMD Datasheet PDF - HBH Microwave GmbH
Part # HT1001_SMD
Download  HT1001_SMD Download
File Size   18.76 Kbytes
Page   1 Pages
Manufacturer  HBH [HBH Microwave GmbH]
Direct Link  http://www.hbhmw.de/
Logo HBH - HBH Microwave GmbH
Description 1 - 1000 MHz 5-BIT Digital Attenuator

HT1001_SMD Datasheet (PDF)

Go To PDF Page Download Datasheet
HT1001_SMD Datasheet PDF - HBH Microwave GmbH

Part # HT1001_SMD
Download  HT1001_SMD Click to download

File Size   18.76 Kbytes
Page   1 Pages
Manufacturer  HBH [HBH Microwave GmbH]
Direct Link  http://www.hbhmw.de/
Logo HBH - HBH Microwave GmbH
Description 1 - 1000 MHz 5-BIT Digital Attenuator

HT1001_SMD Datasheet (HTML) - HBH Microwave GmbH




Similar Part No. - HT1001_SMD

ManufacturerPart #DatasheetDescription
logo
HBH Microwave GmbH
HT1001 HBH-HT1001 Datasheet
17Kb / 1P
1 - 1000 MHz 5-BIT Digital Attenuator
More results


Similar Description - HT1001_SMD

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT-103 MACOM-AT-103 Datasheet
114Kb / 2P
5-Bit Digital Attenuator 20 - 1000 MHz
MAATSS0002 MACOM-MAATSS0002 Datasheet
303Kb / 5P
Digital Attenuator, 31.0 dB, 1 dB LSB, 5-Bit, 800 - 2500 MHz
MAATSS0022 MACOM-MAATSS0022 Datasheet
130Kb / 4P
Digital Attenuator, 5-Bit, 15.5 dB 500 - 2500 MHz
logo
HBH Microwave GmbH
HT1001 HBH-HT1001 Datasheet
17Kb / 1P
1 - 1000 MHz 5-BIT Digital Attenuator
logo
Spectrum Microwave, Inc...
TAD2104 SPECTRUM-TAD2104 Datasheet
559Kb / 1P
5 Bit Digital Attenuator
TAD5008 SPECTRUM-TAD5008 Datasheet
186Kb / 1P
5 Bit Digital Attenuator
TAD6005 SPECTRUM-TAD6005 Datasheet
190Kb / 1P
5 Bit Digital Attenuator
logo
Tyco Electronics
MAATGM0004-DIE MACOM-MAATGM0004-DIE Datasheet
202Kb / 5P
Attenuator, Digital, 5-Bit
logo
Teledyne Technologies I...
UTF0015 TELEDYNE-UTF0015 Datasheet
133Kb / 4P
Attenuator 5 to 1000 MHz
logo
Qorvo, Inc
TGL2223-SM QORVO-TGL2223-SM Datasheet
867Kb / 11P
1 ??31GHz 5-Bit Digital Attenuator
More results




About HBH Microwave GmbH


HBH Microwave GmbH is a leading manufacturer of high-quality microwave components and subsystems for the telecommunications, aerospace, defense, and scientific research industries. The company was founded in Germany in 1996 and has since established itself as a trusted provider of advanced microwave technologies.

HBH Microwave's product portfolio includes a wide range of microwave components, such as amplifiers, mixers, filters, couplers, and antennas. The company also offers customized solutions for specific applications, including subsystems and integrated microwave assemblies.

The company's engineering team has extensive experience in developing advanced microwave technologies for demanding applications. They work closely with customers to understand their requirements and develop customized solutions that meet their specific needs.

HBH Microwave has a strong focus on quality and reliability. The company's products are manufactured to the highest standards and undergo rigorous testing to ensure their performance and reliability. They are also designed to meet the demanding requirements of military and aerospace applications.

Overall, HBH Microwave is a trusted provider of high-quality microwave components and subsystems. Its commitment to innovation, quality, and customer service has earned it a strong reputation in the industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com