Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAATSS0002 Datasheet (PDF) - Tyco Electronics

MAATSS0002 Datasheet PDF - Tyco Electronics
Part # MAATSS0002
Download  MAATSS0002 Download
File Size   303.78 Kbytes
Page   5 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Digital Attenuator, 31.0 dB, 1 dB LSB, 5-Bit, 800 - 2500 MHz

MAATSS0002 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAATSS0002 Datasheet PDF - Tyco Electronics

Part # MAATSS0002
Download  MAATSS0002 Click to download

File Size   303.78 Kbytes
Page   5 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Digital Attenuator, 31.0 dB, 1 dB LSB, 5-Bit, 800 - 2500 MHz

MAATSS0002 Datasheet (HTML) - Tyco Electronics


MAATSS0002 Product details

Description
The M/A-COM MAATSS0002 is a 1 dB step GaAs MMIC digital attenuator with 31.0 dB dynamic range in a low cost QSOP-16 (SSOP-16) package. It requires external DC blocking capacitors on the RF ports, positive supply voltage and five individual bit control voltages. It is particularly suited where high attenuation accuracy, low insertion loss and low intermodulation products are required. Typical applications include base stations, wireless data, and wireless local loop gain level control circuits.

Features
■ 5 Bits, 1 dB Steps
■ Excellent Accuracy
■ Positive Control (+3 to +5V)
■ Small Low Cost QSOP-16 (SSOP-16) Package




Similar Part No. - MAATSS0002

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAATSS0002 MA-COM-MAATSS0002 Datasheet
136Kb / 5P
Digital Attenuator, 5-Bit, 31 dB 400 - 2500 MHz
MAATSS0002SMB MA-COM-MAATSS0002SMB Datasheet
136Kb / 5P
Digital Attenuator, 5-Bit, 31 dB 400 - 2500 MHz
MAATSS0002TR MA-COM-MAATSS0002TR Datasheet
136Kb / 5P
Digital Attenuator, 5-Bit, 31 dB 400 - 2500 MHz
More results


Similar Description - MAATSS0002

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAATSS0001 MACOM-MAATSS0001 Datasheet
267Kb / 3P
Digital Attenuator, 5 Bit, 15.5 dB, 500 - 2500 MHz
MAADSS0010 MACOM-MAADSS0010 Datasheet
174Kb / 5P
Digital Attenuator, 5-Bit, 31 dB (400 - 2500 MHz)
MAATSS0017 MACOM-MAATSS0017 Datasheet
292Kb / 5P
Digital Attenuator, 5-Bit, 15.5 dB 400 - 2500 MHz
MAATSS0022 MACOM-MAATSS0022 Datasheet
130Kb / 4P
Digital Attenuator, 5-Bit, 15.5 dB 500 - 2500 MHz
logo
Honeywell Solid State E...
HRF-AT4520 HONEYWELL-HRF-AT4520 Datasheet
91Kb / 7P
31.0 dB, DC-4GHz, 5 Bit Parallel Digital Attenuator
logo
M/A-COM Technology Solu...
MAATSS0001 MA-COM-MAATSS0001 Datasheet
143Kb / 5P
Digital Attenuator, 5-Bit, 15.5 dB 400 - 2500 MHz
MAATSS0002 MA-COM-MAATSS0002 Datasheet
136Kb / 5P
Digital Attenuator, 5-Bit, 31 dB 400 - 2500 MHz
MAATSS0017 MA-COM-MAATSS0017 Datasheet
143Kb / 5P
Digital Attenuator, 5-Bit, 15.5 dB 400 - 2500 MHz
MAATSS0022 MA-COM-MAATSS0022 Datasheet
104Kb / 4P
Digital Attenuator, 5-Bit, 15.5 dB 500 - 2500 MHz
MAADSS0010 MA-COM-MAADSS0010 Datasheet
135Kb / 5P
Digital Attenuator, 5-Bit, 31 dB 400 - 2500 MHz
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com