Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAATSS0022 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

MAATSS0022 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # MAATSS0022
Download  MAATSS0022 Download
File Size   104.35 Kbytes
Page   4 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Digital Attenuator, 5-Bit, 15.5 dB 500 - 2500 MHz

MAATSS0022 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAATSS0022 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # MAATSS0022
Download  MAATSS0022 Click to download

File Size   104.35 Kbytes
Page   4 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Digital Attenuator, 5-Bit, 15.5 dB 500 - 2500 MHz

MAATSS0022 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


MAATSS0022 Product details

Description
M/A-COM’s MAATSS0022 is a 0.5 dB step GaAs MMIC digital attenuator with 15.5 dB attenuation range in a lead-free MSOP-10 package. It requires external DC blocking capacitors on the RF ports, positive supply voltage and five individual bit control voltages.

Features
• 5 Bits, 0.5 dB Steps
• Excellent Accuracy
• Single Positive Control (+3 V to +5 V)
• Lead-Free MSOP-10 Package
• 100% Matte Tin Plating over Copper
• Halogen-Free “Green” Mold Compound
• RoHS* Compliant and 260°C Reflow Compatible




Similar Part No. - MAATSS0022

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAATSS0022 MACOM-MAATSS0022 Datasheet
130Kb / 4P
Digital Attenuator, 5-Bit, 15.5 dB 500 - 2500 MHz
logo
M/A-COM Technology Solu...
MAATSS0022 MA-COM-MAATSS0022 Datasheet
104Kb / 4P
Digital Attenuator
MAATSS0022 MA-COM-MAATSS0022 Datasheet
621Kb / 5P
Digital Attenuator, 5-Bit, 15.5 dB
logo
Tyco Electronics
MAATSS0022SMB MACOM-MAATSS0022SMB Datasheet
130Kb / 4P
Digital Attenuator, 5-Bit, 15.5 dB 500 - 2500 MHz
logo
M/A-COM Technology Solu...
MAATSS0022SMB MA-COM-MAATSS0022SMB Datasheet
621Kb / 5P
Digital Attenuator, 5-Bit, 15.5 dB
More results


Similar Description - MAATSS0022

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAATSS0001 MACOM-MAATSS0001 Datasheet
267Kb / 3P
Digital Attenuator, 5 Bit, 15.5 dB, 500 - 2500 MHz
MAATSS0017 MACOM-MAATSS0017 Datasheet
292Kb / 5P
Digital Attenuator, 5-Bit, 15.5 dB 400 - 2500 MHz
MAATSS0022 MACOM-MAATSS0022 Datasheet
130Kb / 4P
Digital Attenuator, 5-Bit, 15.5 dB 500 - 2500 MHz
logo
M/A-COM Technology Solu...
MAATSS0001 MA-COM-MAATSS0001 Datasheet
143Kb / 5P
Digital Attenuator, 5-Bit, 15.5 dB 400 - 2500 MHz
MAATSS0002 MA-COM-MAATSS0002 Datasheet
136Kb / 5P
Digital Attenuator, 5-Bit, 31 dB 400 - 2500 MHz
MAATSS0017 MA-COM-MAATSS0017 Datasheet
143Kb / 5P
Digital Attenuator, 5-Bit, 15.5 dB 400 - 2500 MHz
MAADSS0010 MA-COM-MAADSS0010 Datasheet
135Kb / 5P
Digital Attenuator, 5-Bit, 31 dB 400 - 2500 MHz
MAATSS0017 MA-COM-MAATSS0017_15 Datasheet
674Kb / 6P
Digital Attenuator, 5-Bit, 15.5 dB
MAATSS0021 MA-COM-MAATSS0021_15 Datasheet
551Kb / 4P
Digital Attenuator, 15.5 dB, 5-Bit
MAATSS0022 MA-COM-MAATSS0022_15 Datasheet
621Kb / 5P
Digital Attenuator, 5-Bit, 15.5 dB
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com