Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAATSS0022 Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # MAATSS0022
Description  Digital Attenuator, 5-Bit, 15.5 dB 500 - 2500 MHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAATSS0022 Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  MAATSS0022 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAATSS0022 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAATSS0022 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAATSS0022 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
4
Digital Attenuator, 5-Bit, 15.5 dB
500 - 2500 MHz
Rev. V2
MAATSS0022
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Lead-Free MSOP-10
†
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive
to electrostatic discharge (ESD) and can be
damaged by static electricity. Proper ESD control
techniques should be used when handling these
devices.
†
Reference Application Note M538 for lead-free solder reflow recommendations.
Meets JEDEC moisture sensitivity level 1 requirements.
Operating Instructions
The MAATSS0022 is designed to operate with 5 V
logic levels. The difference between +3 V and +5
V operation is minimal for small signal perform-
ance. IIP3, however, is a strong function of volt-
age.
+3 V is the minimum voltage at which the
product will reliably operate.
The MAATSS0022 requires a parallel interface that
allows the user to enter a 5 bit digital word. Each
state increments the attenuation by 0.5 dB giving a
total range of 15.5 dB.
The MAATSS0022 is not internally DC blocked.
This means that the device requires DC blocking
capacitors on the RF1 and RF2 ports. M/A-COM
recommends 0.1 uF to allow for the entire fre-
quency range to be utilized.
Higher frequency
applications can use smaller value capacitors as
DC blocks.
For application information concerning this and
other M/A-COM products, please visit our website
at www.macom.com, where information including
soldering profiles, reliability procedures, and S-
parameter data can be found.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com