Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAATSS0002 Datasheet(PDF) 1 Page - Tyco Electronics

Part # MAATSS0002
Description  Digital Attenuator, 31.0 dB, 1 dB LSB, 5-Bit, 800 - 2500 MHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAATSS0002 Datasheet(HTML) 1 Page - Tyco Electronics

  MAATSS0002 Datasheet HTML 1Page - Tyco Electronics MAATSS0002 Datasheet HTML 2Page - Tyco Electronics MAATSS0002 Datasheet HTML 3Page - Tyco Electronics MAATSS0002 Datasheet HTML 4Page - Tyco Electronics MAATSS0002 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Digital Attenuator, 31.0 dB, 1 dB
LSB, 5-Bit, 800 - 2500 MHz
V 2.00
Features
n
5 Bits, 1 dB Steps
n
Excellent Accuracy
n
Positive Control (+3 to +5V)
n
Small Low Cost QSOP-16 (SSOP-16) Package
Description
The M/A-COM MAATSS0002 is a 1 dB step GaAs MMIC
digital attenuator with 31.0 dB dynamic range in a low cost
QSOP-16 (SSOP-16) package.
It requires external DC
blocking capacitors on the RF ports, positive supply voltage
and five individual bit control voltages. It is particularly
suited where high attenuation accuracy, low insertion loss
and low intermodulation products are required.
Typical
applications include base stations, wireless data, and
wireless local loop gain level control circuits.
The MAATSS0002 is fabricated using M/A-COM’s GaAs
1.0 micron process.
The process features full chip
passivation for increased performance and reliability.
Electrical Specifications: TA = 25 °C, Z0 = 50
Ω
Parameter
Conditions
Frequency
Units
Min.
Typ.
Max.
Insertion Loss
—
0.8 - 1.5 GHz
1.5 - 2.0 GHz
2.0 - 2.5 GHz
dB
dB
dB
—
—
—
1.8
2.2
2.7
1.9
2.3
2.9
Accuracy
—
0.8 - 1.5 GHz
1.5 - 2.0 GHz
2.0 - 2.5 GHz
± (0.3 dB + 4% of Attenuation)
± (0.3 dB + 3% of Attenuation)
± (0.4 dB + 3% of Attenuation)
Step Change
—
0.8 - 1.5 GHz
1.5 - 2.0 GHz
2.0 - 2.5 GHz
dB
dB
dB
0.4
0.4
0.4
1.0
1.0
1.0
1.4
1.6
1.8
Attenuation Range
—
0.8 - 2.5 GHz
dB
30.0
31.0
32.2
VSWR
—
0.8 - 2.5 GHz
dB
—
—
2.0:1
Trise, Tfall
10% to 90% RF, 90% to 10% RF
—
µS
—
2
—
Ton, Toff
50% Control to 10% / 90% RF
—
µS
—
2
—
Transients
In Band
—
mV
—
120
—
P1dB
+3V
+5V
0.8 - 2.5 GHz
0.8 - 2.5 GHz
dBm
dBm
15
18
—
—
—
—
IP3
+3V Input Power up to + 5 dBm
+5V Input Power up to +5 dBm
0.8 - 2.5 GHz
0.8 - 2.5 GHz
dBm
dBm
34
43
—
—
—
—
Control Voltages
Vlow = 0.0 ± 0.2V @ 20 µA, 40 µA Max.
Vhigh = +3 ± 0.2V or +5V ± 0.2V @ 20 µA, 40 µA Max.
Vs = Vhigh @ 200 µA Max
Functional Schematic
Absolute Maximum Ratings
1
1. Operation of this device above any one of these
parameters may cause permanent damage.
Parameter
Absolute Maximum
Max Input Power
0.8 - 2.5 GHz
+34 dBm
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
1dB
16dB
2dB
VC5
VC4
VC3
VC2
VC1
RFIN
RFOUT


Similar Part No. - MAATSS0002

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAATSS0002 MA-COM-MAATSS0002 Datasheet
136Kb / 5P
Digital Attenuator, 5-Bit, 31 dB 400 - 2500 MHz
MAATSS0002SMB MA-COM-MAATSS0002SMB Datasheet
136Kb / 5P
Digital Attenuator, 5-Bit, 31 dB 400 - 2500 MHz
MAATSS0002TR MA-COM-MAATSS0002TR Datasheet
136Kb / 5P
Digital Attenuator, 5-Bit, 31 dB 400 - 2500 MHz
More results

Similar Description - MAATSS0002

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAATSS0001 MACOM-MAATSS0001 Datasheet
267Kb / 3P
Digital Attenuator, 5 Bit, 15.5 dB, 500 - 2500 MHz
MAADSS0010 MACOM-MAADSS0010 Datasheet
174Kb / 5P
Digital Attenuator, 5-Bit, 31 dB (400 - 2500 MHz)
MAATSS0017 MACOM-MAATSS0017 Datasheet
292Kb / 5P
Digital Attenuator, 5-Bit, 15.5 dB 400 - 2500 MHz
MAATSS0022 MACOM-MAATSS0022 Datasheet
130Kb / 4P
Digital Attenuator, 5-Bit, 15.5 dB 500 - 2500 MHz
logo
Honeywell Solid State E...
HRF-AT4520 HONEYWELL-HRF-AT4520 Datasheet
91Kb / 7P
31.0 dB, DC-4GHz, 5 Bit Parallel Digital Attenuator
logo
M/A-COM Technology Solu...
MAATSS0001 MA-COM-MAATSS0001 Datasheet
143Kb / 5P
Digital Attenuator, 5-Bit, 15.5 dB 400 - 2500 MHz
MAATSS0002 MA-COM-MAATSS0002 Datasheet
136Kb / 5P
Digital Attenuator, 5-Bit, 31 dB 400 - 2500 MHz
MAATSS0017 MA-COM-MAATSS0017 Datasheet
143Kb / 5P
Digital Attenuator, 5-Bit, 15.5 dB 400 - 2500 MHz
MAATSS0022 MA-COM-MAATSS0022 Datasheet
104Kb / 4P
Digital Attenuator, 5-Bit, 15.5 dB 500 - 2500 MHz
MAADSS0010 MA-COM-MAADSS0010 Datasheet
135Kb / 5P
Digital Attenuator, 5-Bit, 31 dB 400 - 2500 MHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com