Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC5583 Datasheet (PDF) - Analog Devices

LTC5583 Datasheet PDF - Analog Devices
Part # LTC5583
Download  LTC5583 Download
File Size   198.46 Kbytes
Page   6 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description DUAL 6GHz RMS POWER DETECTOR

LTC5583 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTC5583 Datasheet PDF - Analog Devices

Part # LTC5583
Download  LTC5583 Click to download

File Size   198.46 Kbytes
Page   6 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description DUAL 6GHz RMS POWER DETECTOR

LTC5583 Datasheet (HTML) - Analog Devices


LTC5583 Product details

DESCRIPTION
Demonstration circuit 1599A is a Mean-Squared Power
Detector featuring the LTC®5583 IC. LTC5583 is a
dual-channel RMS power detector, capable of
measuring two AC signals. It provides 40dB of
channel to channel isolation with no frequency
separation at 2140MHz that is suited for measuring
VSWR.
The LTC5583 is a wide dynamic range Mean Squared
RF Power Detector, operational from 40MHz to 6GHz.
The input dynamic range with ±1dB nonlinearity is
60dB depending on frequency(from –58dBm to
+2dBm, single-ended 50 input). The detector output
voltage slope is normally 30mV/dB, and the typical
output variation over temperature is ±0.5dB at
880MHz.
The DC1599A Demo Circuit is ideal for frequency
operation below 3.0GHz. It has the single ended input
drive to LTC5583. The input A to output B (or input B
to output A) isolation is 33dB at 2.7GHz, and degrades
as input frequency increases. As a result, operating
above 3GHz may require differential input matching for
improved isolation. Temperature performance is
optimized for 2140MHz. Contact LTC applications for
more information.
LTC is a trademark of Linear Technology Corporation
Design files for this circuit board are available. Call the
LTC factory.




Similar Part No. - LTC5583

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC5583 LINER-LTC5583 Datasheet
228Kb / 14P
UltraFast??7ns Response Time 15GHz RF Power Detector with Comparator
LTC5583 LINER-LTC5583 Datasheet
355Kb / 20P
Dual 600MHz to 1.7GHz High Dynamic Range Downconverting Mixer
LTC5583 LINER-LTC5583_15 Datasheet
1Mb / 28P
Matched Dual-Channel 6GHz RMS Power Detector
More results


Similar Description - LTC5583

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5581 LINER-LT5581 Datasheet
495Kb / 16P
6GHz RMS Power Detector with 40dB Dynamic Range
logo
Hittite Microwave Corpo...
HMC714LP5 HITTITE-HMC714LP5 Datasheet
1Mb / 40P
DUAL RMS POWER DETECTOR 0.1 - 3.9 GHz
logo
Maxim Integrated Produc...
MAX2203 MAXIM-MAX2203 Datasheet
911Kb / 7P
RMS Power Detector
Rev 0; 10/09
logo
Hittite Microwave Corpo...
HMC1030LP5E HITTITE-HMC1030LP5E Datasheet
4Mb / 38P
DUAL RMS POWER DETECTOR DC - 3.9 GHz
logo
Texas Instruments
TRF1600 TI-TRF1600 Datasheet
349Kb / 15P
TRUE RMS RF POWER DETECTOR
logo
Linear Technology
LT5581 LINER-LT5581_15 Datasheet
513Kb / 18P
6GHz RMS Power Detector with 40dB Dynamic Range
LTC5583 LINER-LTC5583_15 Datasheet
1Mb / 28P
Matched Dual-Channel 6GHz RMS Power Detector
logo
Analog Devices
HMC1030LP5E AD-HMC1030LP5E Datasheet
4Mb / 38P
DUAL RMS POWER DETECTOR
HMC1010LP4E AD-HMC1010LP4E Datasheet
2Mb / 24P
RMS POWER DETECTOR DC
logo
Maxim Integrated Produc...
MAX2202 MAXIM-MAX2202 Datasheet
980Kb / 8P
RMS Power Detector
Rev 1; 2/11
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com