Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

14HTSP101 Datasheet (PDF) - Analog Devices

14HTSP101 Datasheet PDF - Analog Devices
Part # 14HTSP101
Download  14HTSP101 Download
File Size   481.23 Kbytes
Page   3 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description QUICK START GUIDE FOR DEMONSTRATION CIRCUIT 491 TEC TEMPERATURE CONTROLLER

14HTSP101 Datasheet (PDF)

Go To PDF Page Download Datasheet
14HTSP101 Datasheet PDF - Analog Devices

Part # 14HTSP101
Download  14HTSP101 Click to download

File Size   481.23 Kbytes
Page   3 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description QUICK START GUIDE FOR DEMONSTRATION CIRCUIT 491 TEC TEMPERATURE CONTROLLER

14HTSP101 Datasheet (HTML) - Analog Devices


14HTSP101 Product details

DESCRIPTION
Demonstration circuit 491 features the LTC1923EUH
thermoelectric cooler (TEC) controller. The LTC1923EUH
comes in a small 32-lead QFN package (5mm by 5mm).
Since the switching frequency of the circuit is 1MHz,
small size inductors and capacitors are used as output
filters. The main components are within a small assembly
area about 0.75” by 0.5”. DC491 provides a complete
temperature control solution for TEC based temperature
control of fiber-optic lasers. Laser temperature may be
controlled at temperatures above or below ambient with
set point stability typically well within 0.05°C over widely
varying ambient temperature. Temperature set point is
established with a potentiometer. Considerably more
detail relating to TEC temperature control issues is available
in LTC Application Note AN-89, A Thermoelectric
Cooler Temperature Controller for Fiber Optic Lasers.
This publication should be reviewed before demo board
results are evaluated.
Design files for this circuit board are available. Call
the LTC factory.




Similar Part No. - 14HTSP101

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
14H YAGEO-14H Datasheet
1Mb / 14P
Metal Oxide Varistor (MOV)
Apr. 20, 2023 V.3
logo
3M Electronics
14H26-SZ3M-050-03C 3M-14H26-SZ3M-050-03C Datasheet
339Kb / 6P
3M Mini D Ribbon (MDR) Cable Assembly
16-Jan-2008
14H26-SZ3M-050-04C 3M-14H26-SZ3M-050-04C Datasheet
713Kb / 6P
3M Mini D Ribbon (MDR) Cable Assembly
20-Jan-2008
14H26-SZ3M-050-0LC 3M-14H26-SZ3M-050-0LC Datasheet
1Mb / 6P
3M Mini D Ribbon (MDR) Cable Assembly
24-Jan-2008
14H26-SZ3M-100-03C 3M-14H26-SZ3M-100-03C Datasheet
339Kb / 6P
3M Mini D Ribbon (MDR) Cable Assembly
16-Jan-2008
More results


Similar Description - 14HTSP101

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
DC590A-1 LINEAR-DC590A-1 Datasheet
1Mb / 9P
QUICK START GUIDE FOR DEMONSTRATION CIRCUIT 590 USB SERIAL CONTROLLER FOR LINEAR TECHNOLOGY QUICKEVAL-TM DEMO BOARDS
logo
NXP Semiconductors
UM10206 PHILIPS-UM10206 Datasheet
268Kb / 12P
I2C Demonstration Board 2005-1 Quick Start Guide
Rev. 01-13 June 2006
logo
Linear Technology
DC1466A-B LINER-DC1466A-B Datasheet
262Kb / 4P
QUICK START GUIDE FOR DEMONSTRATION CIRCUIT DC1466
logo
STMicroelectronics
UM0682 STMICROELECTRONICS-UM0682 Datasheet
399Kb / 10P
Quick start guide for the STEVAL-TLL005V1 power flash demonstration board
02-Mar-2009
UM0553 STMICROELECTRONICS-UM0553 Datasheet
231Kb / 5P
Quick start guide for the STR9 dongle demonstration board
24-Jun-2008
logo
Silicon Laboratories
CP2104-EK SILABS-CP2104-EK Datasheet
218Kb / 8P
Quick Start Guide
CP2105-EK SILABS-CP2105-EK Datasheet
261Kb / 10P
Quick Start Guide
logo
Linear Integrated Syste...
LT3028 LINEAR-LT3028_09 Datasheet
330Kb / 3P
QUICK START GUIDE FOR DEMONSTRATION CIRCUIT 832
LT3080EDD LINEAR-LT3080EDD Datasheet
298Kb / 5P
QUICK START GUIDE FOR DEMONSTRATION CIRCUIT 995A
LTC3025-1 LINEAR-LTC3025-1_09 Datasheet
537Kb / 5P
QUICK START GUIDE FOR DEMONSTRATION CIRCUIT 1283
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com