Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

14HTSP101 Datasheet(PDF) 2 Page - Analog Devices

Part # 14HTSP101
Description  QUICK START GUIDE FOR DEMONSTRATION CIRCUIT 491 TEC TEMPERATURE CONTROLLER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

14HTSP101 Datasheet(HTML) 2 Page - Analog Devices

  14HTSP101 Datasheet HTML 1Page - Analog Devices 14HTSP101 Datasheet HTML 2Page - Analog Devices 14HTSP101 Datasheet HTML 3Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
5
5
4
4
3
3
2
2
1
1
D
D
C
C
B
B
A
A
TEC
RT1
ITEC
GND
VTEC
NTC+
NTC-
TEC SUPPLY
FAULT
Heat
Cool
TEC+
TEC-
2.7-5.5V
VDD
GND
A
DC491A
Friday, April 05, 2002
1
1
LTC1923EUH, TEC Temperature Controller
June Wu
1/10/02
Wei Chen
1/10/02
SIZE
SCALE:
CAGECODE
DWGNO
REV
SHEET
OF
FILENAME:
TITLE
CONTRACT NO.
APPROVALS
DATE
DRAWN
CHECKED
APPROVED
ENGINEER
DESIGNER
TECHNOLOGY
1630McCarthyBlvd.
Milpitas,CA95035
Phone:(408)432-1900
Fax:(408)434-0507
SHDN/SYNC
VSET
VDD
VDDF
VDD
VDD
VDDF
VSET
VSET
VSET
VDDF
VSET
VDDF
VDDF
VDDF
VDDF
VDDF
VDDF
VDDF
VDD
VDDF
C19
0.1uF
SM Film
U1
LTC1923EUH
30
31
32
27
28
29
1
2
3
4
6
7
8
9
10
11
12
26
25
24
23
22
21
20
19
18
17
16
15
14
13
5
PLLPF
RSLEW
SDSYNCB
VREF
CT
RT
CNTRL
EAOUT
FB
AGND
SS
ILIM
VSET
FAULTB
VTHRM
H/C
VTEC
N/C
N/C
PDRVB
NDRVB
VDD
VDD
PGND
NDRVA
PDRVA
CS+
CS-
ITEC
TEC+
TEC-
N/C
R5
10K 1%
C11
0.1uF
SM Film
C1
0.1uF
C15
10uF
6.3V
R13
47.5K
1%
C9
0.1uF
SM Film
C14
10uF
6.3V
R7
10M
1%
D3
LED(Grn)
C18
0.1uF
R9
100K
1%
R22
100K
C2
0.1uF
R2
OPEN
R23
100K
C7
0.1uF
TP8
R21
200
Q6
2N7002
1
R18
100K
L1
4.2uH
TP10
R14
10K
0.1%
Q3
2N7002
1
C4
0.1uF
R16
10K
0.1%
R25
10K
C20
22uF
10V
R24
0
TP6
Q4
2N7002
1
R3
10K
0.1%
R15
20K
TEMP. ADJ.
2
C10
4.7uF
6.3V
TP4
R6
9.09K
1%
TP3
L2
4.2uH
-
+
U2
LTC2053CMS8
3
2
7
1
4
5 6
8
TP1
TP5
R10
1K 1%
R1
2.2K
R4
2.2K
R20
200
R8
2.2
C6
0.1uF
C16
10uF
6.3V
TP7
C3
330pF
D2
LED(Orn)
C13
1uF
Q1-2
Si5915DC
4
D1
LED(Red)
R19
100K
Q1-1
Si5915DC
2
R12
10K
1%
Q2-1
Si5904DC
2
C12
1uF
C17
0.1uF
Q2-2
Si5904DC
4
C5
1uF
Q5
2N7002
1
C8
10uF
6.3V
R17
200
TP9
TP2
R11
0.02
0.25W 1%



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com