Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3863EMSE Datasheet (PDF) - Analog Devices

LTC3863EMSE Datasheet PDF - Analog Devices
Part # LTC3863EMSE
Download  LTC3863EMSE Download
File Size   503.19 Kbytes
Page   6 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description LTC3863 Low IQ Inverting DC/DC Converter

LTC3863EMSE Datasheet (PDF)

Go To PDF Page Download Datasheet
LTC3863EMSE Datasheet PDF - Analog Devices

Part # LTC3863EMSE
Download  LTC3863EMSE Click to download

File Size   503.19 Kbytes
Page   6 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description LTC3863 Low IQ Inverting DC/DC Converter

LTC3863EMSE Datasheet (HTML) - Analog Devices


LTC3863EMSE Product details

DESCRIPTION
Demonstration circuit 1737A is a current-mode inverting
DC/DC converter featuring the LTC®3863.
The board operates from an input range of 4.5V to 16V,
and provides a –5.2V, 1.7A output or a –12V, 1A output
(jumper selectable). It operates at 400kHz and may be
synchronized to an external clock. A soft-start feature
controls output voltage slew rate at start-up, reducing
current surge and voltage overshoot. Burst Mode® operation
that improves efficiency at light loads can be enabled
with a jumper. A power good output signal is provided.
The demonstration board has options for larger MOSFET
and diode packages on the back of the board for higher
output current requirements.
This board is suitable for a wide range of automotive,
telecom, industrial, and other applications. The LTC3863
is available in small 12-pin thermally enhanced MSOP and
DFN Packages. For other output requirements, see the
LTC3863 data sheet or contact the LTC factory.




Similar Part No. - LTC3863EMSE

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3863 LINER-LTC3863 Datasheet
541Kb / 36P
60V Low IQ Inverting DC/DC Controller Wide Operating VIN Range: 3.5V to 60V
LTC3863 LINER-LTC3863 Datasheet
493Kb / 38P
60V Low IQ Inverting DC/DC Controller
LTC3863 LINER-LTC3863_15 Datasheet
493Kb / 38P
60V Low IQ Inverting DC/DC Controller
More results


Similar Description - LTC3863EMSE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS6755 TI-TPS6755 Datasheet
244Kb / 16P
ADJUSTABLE INVERTING DC/DC CONVERTER
logo
Semtech Corporation
SC1650 SEMTECH-SC1650 Datasheet
90Kb / 4P
HIGH-VOLTAGE INVERTING DC-DC CONVERTER
SC1652 SEMTECH-SC1652 Datasheet
81Kb / 4P
MICROPOWER INVERTING DC-DC CONVERTER
logo
Analog Intergrations Co...
AIC1652 AIC-AIC1652 Datasheet
57Kb / 6P
MICROPOWER INVERTING DC/DC CONVERTER
logo
Microsemi Corporation
LX1734 MICROSEMI-LX1734 Datasheet
198Kb / 8P
1.0MHz Inverting DC/DC Converter
logo
Analog Microelectronics
AME5150 AME-AME5150 Datasheet
111Kb / 14P
Micropower Inverting DC/DC Converter
logo
Texas Instruments
SLVS155A TI1-SLVS155A Datasheet
440Kb / 19P
ADJUSTABLE INVERTING DC/DC CONVERTER
logo
Diodes Incorporated
AL8811 DIODES-AL8811 Datasheet
496Kb / 11P
Boost/Buck/Inverting DC-DC CONVERTER
Rev 2
logo
Linear Technology
LTC3863 LINER-LTC3863_15 Datasheet
493Kb / 38P
60V Low IQ Inverting DC/DC Controller
LTC3896 LINER-LTC3896 Datasheet
391Kb / 8P
High Voltage, Low IQ, Synchronous Inverting DC/DC Controller
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com