Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2991 Datasheet (PDF) - Analog Devices

LTC2991 Datasheet PDF - Analog Devices
Part # LTC2991
Download  LTC2991 Download
File Size   262.36 Kbytes
Page   6 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description LTC2991 I²C Temperature, Voltage and Current Monitor

LTC2991 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTC2991 Datasheet PDF - Analog Devices

Part # LTC2991
Download  LTC2991 Click to download

File Size   262.36 Kbytes
Page   6 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description LTC2991 I²C Temperature, Voltage and Current Monitor

LTC2991 Datasheet (HTML) - Analog Devices


LTC2991 Product details

DESCRIPTION
Demonstration circuit 1785A features the LTC®2991, a high
performance temperature, voltage and current monitor
that uses an I2C interface for communication. It offers
sub-millivolt voltage resolution, 1% current measurement
and 1°C temperature accuracy.
DC1785A is a member of Linear Technology‘s QuikEval™
family of demonstration boards. It is designed to allow easy
evaluation of the LTC2991 and may be connected directly
to the target application’s analog signals while using the
DC590 USB Serial Controller board and supplied software
to measure performance. The exposed ground planes allow
proper grounding to prototype circuitry. After evaluating
with Linear Technology’s software, the digital signals can
be connected to the end application’s processor/controller
for development of the serial interface.




Similar Part No. - LTC2991

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2991 LINER-LTC2991 Datasheet
229Kb / 20P
Temperature Sensor and Dual Voltage Monitor
LTC2991 LINER-LTC2991 Datasheet
236Kb / 16P
Temperature Sensor with Alert Outputs Voltage Output Proportional to Temperature
LTC2991 LINER-LTC2991 Datasheet
1Mb / 54P
16-/14-/11-Bit 2.7Gsps DACs
logo
Analog Devices
LTC2991 AD-LTC2991 Datasheet
337Kb / 26P
Quad I2C Voltage, Current and Temperature Monitor
11/18-REV.F
LTC2991 AD-LTC2991 Datasheet
3Mb / 90P
Isolated High Accuracy Digital Temperature Measurement System with EEPROM
More results


Similar Description - LTC2991

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE1619 PHILIPS-NE1619 Datasheet
167Kb / 2P
Temperature and voltage monitor
August 2008
logo
Linear Technology
LTC4151 LINER-LTC4151 Datasheet
239Kb / 16P
High Voltage I2C Current and Voltage Monitor
DC1338A LINER-DC1338A Datasheet
821Kb / 6P
LTC2990 I2C Temperature Voltage and Current Monitor
LTC2990 LINER-LTC2990 Datasheet
289Kb / 24P
I2C Temperature, Voltage and Current Monitor
LTC2990CMS LINER-LTC2990CMS Datasheet
60Kb / 1P
TEMPERATURE, VOLTAGE AND CURRENT MONITOR
LTC2995 LINER-LTC2995 Datasheet
229Kb / 20P
Temperature Sensor and Dual Voltage Monitor
LTC2990 LINER-LTC2990_15 Datasheet
300Kb / 24P
Quad I2C Voltage, Current and Temperature Monitor
LTC4151 LINER-LTC4151_15 Datasheet
441Kb / 18P
High Voltage I2C Current and Voltage Monitor
LTC2991 LINER-LTC2991_15 Datasheet
259Kb / 32P
Octal I2C Voltage, Current, and Temperature Monitor
logo
Analog Devices
LTC2990 AD-LTC2990 Datasheet
337Kb / 26P
Quad I2C Voltage, Current and Temperature Monitor
11/18-REV.F
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com