Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2872 Datasheet (PDF) - Analog Devices

LTC2872 Datasheet PDF - Analog Devices
Part # LTC2872
Download  LTC2872 Download
File Size   549.36 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description LTC2872 Dual Multiprotocol Transceiver with Integrated Termination

LTC2872 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTC2872 Datasheet PDF - Analog Devices

Part # LTC2872
Download  LTC2872 Click to download

File Size   549.36 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description LTC2872 Dual Multiprotocol Transceiver with Integrated Termination

LTC2872 Datasheet (HTML) - Analog Devices


LTC2872 Product details

DESCRIPTION
Demonstration circuit 1851A showcases the LTC®2872
RS232/RS485 dual multiprotocol transceiver with integrated
termination. Separate supply inputs power the
interface and logic sections, permitting operation of the
logic control and I/O down to 1.7V. LEDs indicate when
supplies are present. Control pins are accessible via turrets
for external connections, or they may be set high or
low by means of a jumper. All logic I/O and interface I/O
is routed to turrets. The RS485 interface lines are also
available at a terminal block for convenient connection of
a transmission line. Because the LTC2872 contains half-/
full-duplex switching, it is unnecessary to jumper A and
B to Y and Z for half-duplex operation.




Similar Part No. - LTC2872

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTC2872 AD-LTC2872 Datasheet
1Mb / 32P
Single-Bus RS485/RS232 Multiprotocol Transceiver with Switchable Termination
04/18-REV.B
More results


Similar Description - LTC2872

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1546 LINER-LTC1546 Datasheet
265Kb / 20P
Software-Selectable Multiprotocol Transceiver with Termination
LTC2846 LINER-LTC2846 Datasheet
322Kb / 24P
3.3V Software-Selectable Multiprotocol Transceiver with Termination
LTC2847 LINER-LTC2847 Datasheet
239Kb / 20P
Software-Selectable Multiprotocol Transceiver with Termination and 3.3V Digital Interface
LTC2870 LINER-LTC2870 Datasheet
401Kb / 36P
RS232/RS485 Multiprotocol Transceivers with Integrated Termination
LTC1546 LINER-LTC1546_15 Datasheet
288Kb / 20P
Software-Selectable Multiprotocol Transceiver with Termination
LTC2846 LINER-LTC2846_15 Datasheet
288Kb / 24P
3.3V Software-Selectable Multiprotocol Transceiver with Termination
LTC2847 LINER-LTC2847_15 Datasheet
249Kb / 20P
Software-Selectable Multiprotocol Transceiver with Termination and 3.3V Digital Interface
LTC2870 LINER-LTC2870_15 Datasheet
1Mb / 42P
RS232/RS485 Multiprotocol Transceivers with Integrated Termination
LTC2871 LINER-LTC2871_15 Datasheet
1Mb / 42P
RS232/RS485 Multiprotocol Transceivers with Integrated Termination
logo
Analog Devices
LTC2873 AD-LTC2873 Datasheet
1Mb / 32P
Single-Bus RS485/RS232 Multiprotocol Transceiver with Switchable Termination
04/18-REV.B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com