Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXC.24 Datasheet (PDF) - Taoglas antenna solutions

FXC.24 Datasheet PDF - Taoglas antenna solutions
Part # FXC.24
Download  FXC.24 Download
File Size   1264.22 Kbytes
Page   15 Pages
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions
Description FXC.24 Series

FXC.24 Datasheet (PDF)

Go To PDF Page Download Datasheet
FXC.24 Datasheet PDF - Taoglas antenna solutions

Part # FXC.24
Download  FXC.24 Click to download

File Size   1264.22 Kbytes
Page   15 Pages
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions
Description FXC.24 Series

FXC.24 Datasheet (HTML) - Taoglas antenna solutions


FXC.24 Product details

Description:
Circular Form Factor Flexible Near Field Communications Antenna

Features:
13.56 MHz Antenna
Flexible Low Profile Embedded
Typical interrogation distance: 40 mm
Dimensions:
• Diameter: 24 mm
• Thickness: 0.14 mm - FXC.24.A - NFC without ferrite
• Thickness: 0.27 mm - FXC.24.A.dg - NFC with ferrite
• Thickness: 0.27 mm - FXC.24.52.0075X.A.dg - NFC with ferrite and 75mm twisted cable.
Peel and stick 3M adhesive
RoHS & Reach Compliant




Similar Part No. - FXC.24

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
FXC.24.52.0075X.B.DG TAOGLAS-FXC.24.52.0075X.B.DG Datasheet
1Mb / 14P
FXC.24.B Series
Revision: A 2024-06-14
FXC.24.B TAOGLAS-FXC.24.B Datasheet
1Mb / 14P
FXC.24.B Series
Revision: A 2024-06-14
FXC.24.B.DG TAOGLAS-FXC.24.B.DG Datasheet
1Mb / 14P
FXC.24.B Series
Revision: A 2024-06-14
More results


Similar Description - FXC.24

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
PAL20X8 NSC-PAL20X8 Datasheet
448Kb / 14P
Progammable Array Logic Series 24 (PAL Series 24)
logo
Volgen Kaga Electronics...
KTPS24-0540DT-2P VOLGEN-KTPS24-0540DT-2P Datasheet
1Mb / 1P
Volgen 24 Watt Desktop Series
KTPS24-05040MP VOLGEN-KTPS24-05040MP Datasheet
4Mb / 1P
Volgen 24 Watt Series
KTPS24-05040WA VOLGEN-KTPS24-05040WA Datasheet
2Mb / 1P
Volgen 24 Watt Series
logo
DATEL, Inc.
TFR DATEL-TFR Datasheet
1Mb / 13P
TFR RAILWAY SERIES 24-Pin DIP
logo
Amphenol Corporation
AHDP24-PN01 AMPHENOL-AHDP24-PN01 Datasheet
26Kb / 1P
NUT, AHDP SERIES, SIZE 24
logo
TRACO Electronic AG
TIW24 TRACOPOWER-TIW24 Datasheet
1Mb / 4P
AC/DC Power Supply TIW 24 Series, 24 Watt
Rev. November 30, 2022
TMM24 TRACOPOWER-TMM24 Datasheet
1Mb / 5P
AC/DC Power Supply TMM 24 Series, 24 Watt
Rev. March 16, 2023
TMW24 TRACOPOWER-TMW24 Datasheet
996Kb / 5P
AC/DC Medical Power Supply TMW 24 Series, 24 Watt
Rev. November 30, 2022
logo
TE Connectivity Ltd
HD30-24BT-BK TEC-HD30-24BT-BK Datasheet
129Kb / 1P
BOOT, SIZE 24 HD30/HDP20 SERIES
27AUG2014
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com