Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DR10-250-L Datasheet (PDF) - PANDUIT CORP.

DR10-250-L Datasheet PDF - PANDUIT CORP.
Part # DR10-250-L
Download  DR10-250-L Download
File Size   101.15 Kbytes
Page   1 Pages
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.
Description Disco-Lok ™ Female Disconnects, Nylon Fully Insulated – Funnel Entry

DR10-250-L Datasheet (PDF)

Go To PDF Page Download Datasheet
DR10-250-L Datasheet PDF - PANDUIT CORP.

Part # DR10-250-L
Download  DR10-250-L Click to download

File Size   101.15 Kbytes
Page   1 Pages
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.
Description Disco-Lok ™ Female Disconnects, Nylon Fully Insulated – Funnel Entry

DR10-250-L Datasheet (HTML) - PANDUIT CORP.


DR10-250-L Product details

• Continuously molded design provides reliable, consistent
performance through the applicator for a high quality termination every time
• Disconnect can be inserted and removed from the male tab
without the use of tools for lower installed cost
• Unique locking mechanism design allows for low insertion forces
(mating) and positive lock for high vibration applications where a
secure connection is mandatory
• Fully insulated design provides protection from electrical shorts




Similar Part No. - DR10-250-L

ManufacturerPart #DatasheetDescription
logo
Black Box Registered Tr...
DR100 BLACKBOX-DR100 Datasheet
464Kb / 3P
DIN Rail Converter and Repeaters with Opto-Isolation
logo
Electronic devices inc.
DR1000 EDI-DR1000 Datasheet
45Kb / 2P
FAST RECOVERY HIGH VOLTAGE 25mA MINIATURE SILICON RECTIFIERS
logo
Danisense A/S
DR10000IM DANISENSE-DR10000IM Datasheet
1Mb / 7P
Ultra-stable, high precision (ppm class) fluxgate technology DR Series current transducer for non-intrusive, isolated DC and AC current measurement up to 11000A
2023-03-06
DR10000UX-10V DANISENSE-DR10000UX-10V Datasheet
563Kb / 8P
Ultra-stable, high precision (ppm class) fluxgate technology DR Series current transducer for non-intrusive, isolated DC and AC current measurement up to 11kA
2022-11-24
logo
Crydom Inc.,
DR100D12 CRYDOM-DR100D12 Datasheet
1Mb / 7P
Ratings of 6 & 12 Amps
More results


Similar Description - DR10-250-L

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
DV10-250 PANDUIT-DV10-250 Datasheet
54Kb / 1P
FEMALE DISCONNECTS, VINYL INSULATED
DNF18-250 PANDUIT-DNF18-250 Datasheet
58Kb / 1P
FEMALE DISCONNECTS, NYLON INSULATED, FUNNEL .250X .032
DNFR14-206FIB PANDUIT-DNFR14-206FIB Datasheet
69Kb / 1P
RIGHT ANGLE FULLY INSULATED FEMALE DISCONNECTS
logo
Hubbell Incorporated.
FQN10F25X03D HUBBELL-FQN10F25X03D Datasheet
273Kb / 2P
Brass Fully Insul Female Quick Disconnects, Funnel Entry, 10-12 AWG, 300 V, 0.98" L, 0.25" W, Nylon Insul, Tin Plated, Yellow(Insul Color).
FQN10M25X03D HUBBELL-FQN10M25X03D Datasheet
264Kb / 2P
Fully Insulated Brass Male Disconnect, 12-10 AWG, Nylon Insulated, Funnel Entry, Tin Plated.
FQN14F25X03D HUBBELL-FQN14F25X03D Datasheet
271Kb / 2P
Brass Fully Insul Female Quick Disconnects, Funnel Entry, 14-16 AWG, 300 V, 0.90" L, 0.25" W, Nylon Insul, Blue(Insul Color).
FQN14M25X03D HUBBELL-FQN14M25X03D Datasheet
265Kb / 2P
Fully Insulated Brass Male Disconnect, 16-14 AWG, Nylon Insulated, Funnel Entry, Tin Plated.
FQN18F25X03D HUBBELL-FQN18F25X03D Datasheet
274Kb / 2P
Brass Fully Insul Female Quick Disconnects, Funnel Entry, 18-22 AWG,300 V, 0.90" L, 0.25" W, Nylon Insul, Red(Insul Color).
FQP14F18X02D HUBBELL-FQP14F18X02D Datasheet
261Kb / 2P
Vinyl Fully Insulated Brass Female Quick Disconnects, 16 - 14 AWG
FQP18F25X03D HUBBELL-FQP18F25X03D Datasheet
260Kb / 2P
Vinyl Fully Insulated Brass Female Quick Disconnects, 22 - 18 AWG
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com